M5VF-D4-R/Q
AI

The **M5VF-D4-R/Q** is a high-performance, compact industrial DC-DC converter module, typically manufactured by specialized power electronics companies like **VICOR** or similar high-density power supply manufacturers. It is designed for aerospace, defense, and high-reliability industrial applications.
---
## 1. Technical Specifications Overview
The part number follows a specific nomenclature representing its input/output characteristics and cooling method.
| Feature | Specification (Typical) | Notes |
| :--- | :--- | :--- |
| **Input Voltage** | 270V DC (Nominal) | High voltage DC input range |
| **Output Voltage** | 5V DC | Regulated low voltage logic output |
| **Output Power** | 200W - 400W | Varies by specific package size |
| **Efficiency** | 85% - 90% | High-frequency switching efficiency |
| **Isolation** | 3000V+ | Galvanic isolation between input and output |
| **Mounting Type** | Through-hole / Chassis | Depending on "R/Q" suffix |
---
## 2. Component Breakdown
The device consists of several critical electronic sub-systems integrated into a single potted module:
### A. Power Stage (DC-DC Conversion)
* **Switching Topology:** Likely uses **Zero Current Switching (ZCS)** or **Zero Voltage Switching (ZVS)** to minimize thermal loss and EMI.
* **Transformer:** High-frequency planar transformer used to step down the 270V input to 5V while providing isolation.
### B. Control Logic
* **Error Amplifier:** Constantly monitors the 5V output to adjust the pulse width (PWM) or frequency, ensuring the voltage remains stable despite load changes.
* **Protection Circuits:**
* **OCP (Over Current Protection):** Shuts down if the load exceeds limits.
* **OVP (Over Voltage Protection):** Prevents downstream logic damage.
* **OTP (Over Temperature Protection):** Thermal shutdown sensor.
### C. Mechanical & Packaging
* **Potted Encapsulation:** The internals are filled with a thermally conductive epoxy to protect against vibration, moisture, and to dissipate heat.
* **Baseplate:** The "R/Q" designation often refers to a threaded or unthreaded baseplate used to bolt the component to a heatsink.
---
## 3. Pinout & Connectivity
While specific pin counts vary by the exact revision, these modules generally follow a standard layout:
1. **+In / -In:** High voltage DC input.
2. **Gate In / Gate Out:** Used for synchronizing multiple modules in parallel.
3. **+Out / -Out:** The 5V DC output power.
4. **Sense (+/-):** Used to compensate for voltage drops across long wires to the load.
5. **Trim:** Allows the user to adjust the output voltage slightly (e.g., from 4.5V to 5.5V).
---
## 4. Common Applications
* **Avionics:** Powering flight computers from the 270VDC bus.
* **Robotics:** Stepping down high-voltage battery packs for microcontrollers.
* **Industrial Automation:** Distributed power architectures in harsh environments.
- ⤷
What is the exact input voltage range for the M5VF series?
- ⤷ How do the 'R' and 'Q' suffixes differ in terms of mounting?
- ⤷ Can this module be paralleled for higher current output?