M5VF-64-R/Q
AI

The **M5VF-64-R/Q** refers to a specific industrial-grade motherboard/SBC (Single Board Computer) configuration typically utilized in embedded systems, digital signage, or industrial automation. It is part of a series often associated with high-reliability computing.
---
### 1. General Specifications
The "M5VF" series is characterized by its compact form factor and integration of low-power processing units. Below is a breakdown of the key electronic components and technical specs:
| Feature | Specification |
| :--- | :--- |
| **Processor (CPU)** | Usually features an Intel Atom or Celeron (Apollo Lake/Bay Trail) depending on the revision. |
| **Memory (RAM)** | Support for DDR3L or DDR4 SO-DIMM (Max capacity varies by sub-model). |
| **Storage** | mSATA slot, SATA III connectors, and sometimes onboard eMMC (64GB as indicated by the "64" in the model). |
| **Graphics** | Integrated Intel HD Graphics with HDMI/VGA/LVDS output support. |
| **Networking** | Dual Gigabit Ethernet (Realtek or Intel controllers). |
---
### 2. Nomenclature Breakdown
The model name **M5VF-64-R/Q** can be decrypted as follows:
* **M5VF**: The base model/series of the motherboard.
* **64**: Indicates the integrated storage capacity (64GB eMMC).
* **R/Q**: Revision or batch codes indicating specific regulatory compliance or minor hardware tweaks (e.g., "R" for RoHS compliant).
---
### 3. Key Electronic Subsystems
#### Connectivity & I/O
The board is designed for peripheral-heavy environments:
* **USB Ports:** 4x USB 3.0 / 2.0 headers for external sensors or HID devices.
* **COM Ports:** RS-232/422/485 headers, essential for industrial PLC communication.
* **Expansion:** Mini-PCIe slots for Wi-Fi/Bluetooth or 4G LTE modules.
#### Power Management
* **DC Input:** Wide-range voltage input (typically 12V-24V DC).
* **Power Protection:** Features Over-Voltage Protection (OVP) and Over-Current Protection (OCP) to ensure stability in unstable industrial power grids.
#### Cooling Design
* **Fanless Architecture:** These boards usually utilize a large aluminum heatsink rather than active fans, reducing mechanical failure points and allowing for operation in dusty environments.
---
### 4. Typical Applications
* **Kiosks:** Self-service terminals in retail.
* **Edge Computing:** Processing data from IoT sensors before sending it to the cloud.
* **Industrial Control:** Managing robotic arms or assembly line monitoring.
---
- ⤷
What are the exact power consumption ratings for this board?
- ⤷ Does the M5VF-64-R/Q support Windows 11 or only Linux distributions?
- ⤷ What is the operating temperature range for the 'R' revision?