AI

The **M5TS-701-R** is a high-precision, digital infrared (IR) temperature sensor module manufactured by Omron. It is designed for non-contact temperature measurement, making it ideal for industrial automation, medical equipment, and IoT applications.
---
## 1. Key Specifications
The electronic characteristics of the M5TS-701-R define its accuracy and integration capabilities:
| Feature | Specification |
| :--- | :--- |
| **Object Temp Range** | -40°C to +200°C |
| **Supply Voltage (Vcc)** | 3.0V to 3.6V (DC) |
| **Communication Interface** | I2C (Inter-Integrated Circuit) |
| **Current Consumption** | ~5mA (Active), <100µA (Sleep) |
| **Resolution** | 0.01°C |
| **Accuracy** | ±2.0°C (depending on range and conditions) |
| **Field of View (FoV)** | 90° (standard) |
---
## 2. Main Electronic Components
The module is an integrated system-on-chip (SoC) solution. Internally, it consists of several critical stages:
### A. Thermopile Sensor Element
* **Function:** Converts incoming infrared radiation from an object into a tiny electrical voltage (microvolts).
* **Mechanism:** Uses the Seebeck effect through a series of thermocouples.
### B. Signal Conditioning (ASIC)
* **Amplification:** Since the thermopile output is extremely weak, an internal low-noise amplifier boosts the signal.
* **ADC (Analog-to-Digital Converter):** Converts the analog voltage into a digital 16-bit or 24-bit value for processing.
### C. Digital Signal Processing (DSP)
* **Calibration:** The chip contains factory-calibrated coefficients stored in EEPROM.
* **Linearization:** It automatically compensates for the non-linear relationship between IR radiation and temperature.
### D. Communication Interface
* **I2C Pins:** Uses `SDA` (Data) and `SCL` (Clock) lines to communicate with a microcontroller (like an Arduino, ESP32, or PLC).
---
## 3. Pin Configuration
The physical interface typically involves a small connector or solder pads:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | Power supply (typically 3.3V) |
| 2 | **SDA** | I2C Serial Data line |
| 3 | **SCL** | I2C Serial Clock line |
| 4 | **GND** | Ground |
---
## 4. Basic Connection Example
To read data from the M5TS-701-R using a microcontroller, you would typically use a circuit similar to this:
```cpp
// Pseudocode for I2C Initialization
#include
#define M5TS_ADDR 0x35 // Example I2C address
void setup() {
Wire.begin(); // Join I2C bus
Serial.begin(9600);
}
void loop() {
Wire.beginTransmission(M5TS_ADDR);
Wire.write(0x00); // Register to read temperature
Wire.endTransmission();
Wire.requestFrom(M5TS_ADDR, 2);
if(Wire.available() <= 2) {
int data = Wire.read() << 8 | Wire.read();
float temp = data * 0.01; // Example conversion
Serial.println(temp);
}
delay(1000);
}
```
---
- ⤷
What is the maximum I2C clock speed supported by the M5TS-701-R?
- ⤷ Does this sensor require an external optical lens for long-distance measurement?
- ⤷ How does the emissivity setting affect the temperature reading accuracy?