AI

The **M5TS-62-R/BL** is a specific variant of a high-performance, illuminated tactile switch, typically used in automotive, industrial control, and high-end consumer electronics. It is part of a series designed for durability and distinct visual feedback.
---
### 1. Key Technical Specifications
Below are the primary electronic and physical characteristics of the M5TS-62-R/BL:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile Switch (Momentary) |
| **Illumination** | Integrated LED |
| **LED Color** | Blue (indicated by /BL) |
| **Actuation Force** | 1.6N to 2.5N (standard "click" feel) |
| **Contact Resistance** | < 100 mΩ |
| **Insulation Resistance** | > 100 MΩ at 500V DC |
| **Mechanical Life** | 100,000 to 500,000 cycles (typical) |
| **Mounting Type** | Through-hole or SMD (depends on specific footprint) |
---
### 2. Breakdown of the Model Name
The nomenclature defines the specific electronic configuration of the part:
* **M5TS:** The series identifier (Tactile Switch, Miniature 5-Series).
* **62:** Usually refers to the physical dimensions (e.g., 6x6mm or 12x12mm base) and height.
* **R:** Denotes the "Red" or "Round" actuator/housing style, or sometimes a specific resistance rating for the internal contact.
* **BL:** Specifies the **Blue LED** illumination.
---
### 3. Circuit Configuration
Most M5TS switches follow a standard SPST (Single Pole Single Throw) configuration with separate pins for the LED.
#### Internal Schematic Logic:
```text
Pin 1 & 2: Switch Contact (Closed when pressed)
Pin 3 (Anode): LED Positive (+)
Pin 4 (Cathode): LED Negative (-)
```
*Note: The switch circuit and the LED circuit are electrically isolated, allowing you to control the light independently of the button press (e.g., status indicator vs. backlight).*
---
### 4. Application Use Cases
* **Automotive Dashboards:** Used for backlight buttons where a crisp tactile response is needed.
* **Medical Equipment:** High-reliability interfaces that require visual confirmation of a "Power" or "Start" state.
* **Audio/Video Gear:** Mixing consoles or controllers where different colors represent different modes.
- ⤷
What is the maximum voltage and current rating for the LED in the M5TS-62-R/BL?
- ⤷ Does this switch require a specific resistor for the blue LED?
- ⤷ Are there waterproof (IP67) versions available for this specific model?