công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5TS-45-R/BL

  • AI
    The **M5TS-45-R/BL** refers to a specific variation of a **high-precision touch switch** (often categorized as a tactile or limit switch) manufactured by **Metrol**. These switches are renowned for their extreme repeatability and are typically used in industrial automation for positioning and detection. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Contact Type** | Normally Closed (NC) - Standard for safety circuits | | **Stroke (Travel)** | 0.5 mm to 1.5 mm (depending on specific sub-model) | | **Repeatability** | 0.005 mm (5 microns) | | **Contact Material** | Gold-plated or Silver-plated contacts | | **Operating Force** | ~0.5N to 1.0N | | **IP Rating** | IP67 (Waterproof and Dustproof) | | **Housing Material** | Stainless Steel or Brass (Nickel Plated) | --- ### 2. Key Electronic Components The "Electronic Parts" of this switch are relatively simple but engineered for high reliability: * **Switching Element:** Unlike a common mechanical microswitch, the M5TS series uses a high-precision contact mechanism designed to eliminate "bounce" and ensure a consistent signal at the exact same physical point every time. * **Wiring & Connection:** * **R/BL Suffix:** Usually indicates the cable exit type (Right-angle or specific lead wire color coding). * **Core wires:** Typically consists of two wires for a simple "make/break" circuit. * **Protection Circuitry:** Since these are mechanical contacts, they are often paired with an external **LED indicator** (optional in some models) or a **surge suppressor** if used with inductive loads to prevent contact welding. --- ### 3. Application Areas These switches are not consumer electronics; they are specialized for high-accuracy industrial environments: 1. **CNC Machine Tools:** Used for tool length measurement and workpiece positioning. 2. **Robotics:** End-of-travel limits where micron-level precision is required. 3. **Semiconductor Manufacturing:** Detecting the presence of silicon wafers. 4. **Medical Equipment:** High-reliability position sensing in scanning beds or fluid pumps. --- ### 4. Circuit Diagram Logic The switch functions as a dry contact. Below is a representation of how it is typically integrated into a PLC or Microcontroller circuit: ```python # Logic for an NC (Normally Closed) Switch if switch_signal == HIGH: print("System Safe / Not Triggered") else: print("Switch Actuated / Limit Reached") ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M5TS series and standard microswitches?
    • ⤷ Can the M5TS-45-R/BL be used in oil-rich environments?
    • ⤷ What is the maximum voltage and current rating for this switch?