M5TS-41W-R/BN
AI

The **M5TS-41W-R/BN** is a specific model of an **Industrial Temperature Controller/Digital Thermostat**, commonly used in HVAC, refrigeration, and industrial processing. It is designed for precision monitoring and switching based on thermal inputs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M5TS (Digital Temperature Controller) |
| **Input Type** | NTC Thermistor (10K @ 25°C) |
| **Control Mode** | ON/OFF Control |
| **Relay Output** | 1 SPDT (Single Pole Double Throw) |
| **Contact Rating** | Usually 5A to 10A at 250VAC |
| **Display** | 3-Digit LED (Red/Green options) |
| **Power Supply** | 100-240VAC or 12-24VDC (varies by suffix) |
---
### 2. Internal Electronic Components
The device consists of several critical electronic sub-systems that allow it to function:
#### A. The Microcontroller (MCU)
The "brain" of the unit. It converts the analog signal from the temperature sensor into a digital value using an **Analog-to-Digital Converter (ADC)**. It then compares this value against the user-defined setpoint to determine if the relay should be triggered.
#### B. Power Supply Circuit
Most versions use a **Switching Mode Power Supply (SMPS)** or a capacitive dropper to step down the mains voltage (110V/220V) to low-voltage DC (5V or 12V) to power the internal logic and the relay coil.
#### C. Relay Output (Electromechanical)
This is the "switch" part of the device. When the setpoint is reached:
- An internal transistor drives the **Relay Coil**.
- The physical contacts snap shut (or open), allowing you to control high-power loads like compressors, heaters, or fans.
#### D. Input Filtering
Since industrial environments are electrically "noisy," the input pins for the NTC sensor contain **RC filters** (resistors and capacitors) to prevent erratic temperature readings caused by Electromagnetic Interference (EMI).
---
### 3. Wiring Configuration
The back of the M5TS-41W-R/BN typically features a screw terminal block categorized as follows:
1. **Power Terminals:** Connection for the AC or DC power source.
2. **Sensor Terminals:** Connection for the NTC probe (polarity usually does not matter for NTC).
3. **Output Terminals:**
* **COM (Common)**
* **NO (Normally Open)** - Closes when heating/cooling is needed.
* **NC (Normally Closed)** - Opens when heating/cooling is needed.
---
### 4. Comparison of Suffix Meanings
* **W:** Wide range or specific waterproof rating (depending on regional catalog).
* **R:** Relay output type.
* **BN:** Specific branding or case color (Black/Navy) and mounting style.
---
- ⤷
What is the maximum current rating for the relay contacts in the M5TS-41W-R/BN?
- ⤷How do I calibrate the temperature offset if the sensor reading is inaccurate?
- ⤷Can this controller be used for both heating and cooling modes?