công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5TS-3A-R

  • AI
    ## Overview of M5TS-3A-R The **M5TS-3A-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component** used in DC-DC conversion and power management circuits. These parts are designed to handle high current while maintaining a compact footprint. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics for components within this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 3.3 µH (Standard for the -3A-R designation) | | **Current Rating (Irms)** | High Current (Typically 2.0A - 5.0A range) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | | **Core Material** | Ferrite or Metal Composite | | **Tolerance** | ±20% (Standard for power inductors) | --- ### Key Electronic Features 1. **Low DCR (DC Resistance):** The internal windings are optimized to have minimal resistance. This reduces heat generation and improves the efficiency of the power supply. 2. **Magnetic Shielding:** Most M5TS series parts are shielded. This prevents electromagnetic interference (EMI) from affecting neighboring sensitive components on the PCB. 3. **High Saturation Current:** The core is designed to handle peak currents without the inductance dropping significantly, which is critical for stable voltage regulation. 4. **Compact Form Factor:** Designed for high-density board layouts, commonly found in mobile devices, laptops, and automotive electronics. --- ### Common Applications The M5TS-3A-R is primarily used in circuits where voltage needs to be stepped down or filtered: * **DC-DC Converters:** Acts as the energy storage element in buck or boost converters. * **Voltage Regulator Modules (VRMs):** Found near CPUs or GPUs to stabilize power delivery. * **Battery Powered Devices:** Used to maximize battery life through efficient power conversion. * **Noise Filtering:** Used in LC filters to smooth out ripples in power lines. --- ### Circuit Symbol and Implementation In a schematic, this part is represented as an inductor. When implementing it, ensure the following: * **Trace Width:** Use thick copper traces to handle the rated current. * **Placement:** Place as close as possible to the switching IC to minimize the switching loop area. ```text L1 (M5TS-3A-R) Vin ----(UUUU)---- Vout | [Cout] | GND ```
    ✨ Follow-up Questions
    • ⤷What is the exact saturation current (Isat) for the M5TS-3A-R?
    • ⤷ What are the physical dimensions/footprint for this SMD inductor?
    • ⤷ Are there any recommended alternatives with a lower DCR?