công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5TS-32-R/BL

  • AI
    The **M5TS-32-R/BL** is a high-performance, compact **Thin Film Platinum Resistance Temperature Detector (RTD)** manufactured by companies like Minco or similar precision sensor specialists. It is designed for high-accuracy surface or ambient temperature sensing in industrial and laboratory environments. ### 1. Technical Specifications The core of this component is its platinum thin-film element, which follows the standardized linear resistance change relative to temperature. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Pt100 (Platinum RTD) | | **Base Resistance** | 100 $\Omega$ at 0°C | | **Temperature Coefficient (TCR)** | 0.00385 $\Omega$/$\Omega$/°C (DIN Class B/A) | | **Housing Material** | Stainless Steel or Ceramic (application dependent) | | **Lead Wire Material** | Ribbon leads (R) with Blue (BL) insulation/coding | | **Operating Range** | -50°C to +200°C (typical for BL series) | --- ### 2. Key Electronic Characteristics * **Linearity:** Unlike thermistors, the M5TS series provides a highly linear output. This simplifies the design of the Analog-to-Digital Converter (ADC) stage in your circuit. * **Stability:** Platinum is chemically inert. The "thin film" construction ensures that the part maintains its calibration over thousands of thermal cycles without drifting. * **Interchangeability:** Because it adheres to the IEC 60751 standard, the M5TS-32-R/BL can be replaced by another Pt100 sensor without requiring a full recalibration of the measurement electronics. * **Self-Heating:** As a resistive element, it requires an excitation current. To maintain accuracy, the current should be kept low (typically **< 1mA**) to prevent the sensor from heating itself up and skewing the data. --- ### 3. Connection and Wiring The suffix **R/BL** usually indicates the physical termination style: 1. **"R" (Ribbon/Rectangular):** Indicates the flat, thin profile of the sensor element, making it ideal for mounting onto flat surfaces using thermally conductive epoxy. 2. **"BL" (Blue):** Often refers to the color-coding of the lead insulation, signifying specific temperature ratings or Teflon (PTFE) jacket materials for moisture resistance. #### Recommended Circuit Layout To measure the temperature, the sensor is typically integrated into a **Wheatstone Bridge** or a constant current source circuit. ```python # Conceptual Resistance-to-Temperature (Callendar-Van Dusen) def rtd_resistance_to_temp(R_measured): R0 = 100.0 # Resistance at 0 degrees alpha = 0.00385 return (R_measured - R0) / (R0 * alpha) ``` --- ### 4. Typical Applications * **HVAC Systems:** Monitoring duct temperatures. * **Medical Equipment:** Precise fluid or surface monitoring. * **Power Electronics:** Affixed to heat sinks of MOSFETs/IGBTs to prevent thermal runaway. * **Aerospace:** Small form factor allows placement in tight assemblies. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'Class A' and 'Class B' accuracy for this RTD?
    • ⤷ How do I calculate the self-heating error for the M5TS series?
    • ⤷ What is the recommended excitation current to avoid damage?