AI

The **M5TS-31W-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These switches are designed for low-power signal switching and are commonly found in consumer electronics, industrial controls, and medical devices.
Below is a detailed breakdown of its electronic parts and specifications.
---
### 1. Internal Components & Construction
The M5TS-31W-R is composed of several key layers and materials that facilitate its mechanical and electrical function:
| Part | Material | Function |
| :--- | :--- | :--- |
| **Actuator (Stem)** | High-temp Thermoplastic | The physical button pressed by the user. |
| **Contact Dome** | Stainless Steel (Silver plated) | Provides the "click" feel and bridges the electrical circuit. |
| **Base/Housing** | LCP or Nylon | Provides structural integrity and heat resistance during soldering. |
| **Terminals** | Brass/Copper (Silver/Gold plated) | The electrical interface that connects to the PCB. |
| **Cover** | Nickel Silver or Stainless Steel | Retains the internal components and protects against dust. |
---
### 2. Electrical Specifications
These parameters define the safe operating limits for the switch within a circuit:
* **Switching Capacity:** Usually rated at **50mA, 12V DC**. It is designed for logic signals, not for high-power switching.
* **Contact Resistance:** Typically **<100mΩ**. Low resistance ensures minimal signal loss when the switch is closed.
* **Insulation Resistance:** **>100MΩ at 100V DC**. This prevents current leakage between terminals when the switch is open.
* **Dielectric Strength:** Can withstand **250V AC** for 1 minute without breakdown.
---
### 3. Mechanical & Physical Properties
The physical design of the M5TS-31W-R is optimized for automated assembly and durability:
* **Mounting Type:** **SMT (Surface Mount Technology)**. It has "Gull-wing" or "J-lead" style pins for soldering directly onto the surface of a PCB.
* **Operating Force:** Generally around **1.6N (160gf)** or **2.5N (250gf)**, providing a distinct tactile feedback.
* **Life Expectancy:** Rated for approximately **100,000 to 500,000 cycles** depending on the specific sub-variant.
* **Travel Distance:** Short-stroke, typically between **0.25mm and 0.35mm**.
---
### 4. Typical Application Circuit
In most electronic designs, this switch is used in a "Pull-up" or "Pull-down" configuration to interface with a Microcontroller (MCU).
```c
// Example: Basic Pull-up Configuration
// [VCC 3.3V] --- [Resistor 10k] --- [Input Pin] --- [M5TS-31W-R] --- [GND]
```
When the switch is **Open**, the Input Pin reads **HIGH**.
When the switch is **Pressed**, the Input Pin is pulled to **GND (LOW)**.
---
- ⤷
What is the footprint size (mm) for the M5TS-31W-R?
- ⤷ Is the M5TS-31W-R rated for IP67 waterproof protection?
- ⤷ What are the recommended reflow soldering temperature profiles for this switch?