M5TS-1A-R
AI

The **M5TS-1A-R** is a specific electronic component, primarily recognized as a **Thermal Switch (Thermal Protector)** manufactured by companies like Mersen or specialized thermal control producers. It is designed to protect circuits from overheating.
---
### 1. Technical Specifications
The "M5TS" series is characterized by its compact size and high reliability in sensing temperature changes.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Bimetallic Thermal Switch |
| **Contact Form** | SPST (Single Pole, Single Throw) |
| **State** | Normally Open (1A) / Normally Closed (depending on suffix) |
| **Max Voltage** | 125V AC / 250V AC |
| **Max Current** | 1A to 3A (Model dependent) |
| **Operating Temp** | Fixed set point (Specific to the "R" variant) |
---
### 2. Key Components & Construction
The M5TS-1A-R operates using a mechanical thermal mechanism rather than digital logic:
* **Bimetallic Disc:** The core element. It consists of two bonded metals with different expansion coefficients. When the threshold temperature is reached, the disc snaps into a different shape.
* **Actuator Pin:** Transfers the mechanical movement of the disc to the electrical contacts.
* **Contacts:** Silver alloy contacts that open or close the circuit.
* **Housing:** Typically high-temperature resistant ceramic or PPS (Polyphenylene Sulfide) plastic to withstand the heat it is monitoring.
---
### 3. Functional Behavior
The suffix **-1A-R** usually denotes the logic and reset behavior:
1. **"1A" (Contact Arrangement):** Generally refers to a "Form A" contact, which is **Normally Open (NO)**. It closes the circuit when the temperature rises above the limit.
2. **"R" (Reset Function):** Indicates the device is **Automatic Reset**. Once the temperature drops back down to a "differential" level (e.g., 10°C below the trip point), the bimetal snaps back, and the switch returns to its original state.
---
### 4. Common Applications
* **Overheat Protection:** Used in small motors to prevent windings from burning out.
* **Power Supplies:** Acts as a safety trigger to turn on a cooling fan when the heatsink reaches a specific temperature.
* **Consumer Electronics:** Found in coffee makers, hair dryers, or battery chargers as a secondary safety layer.
---
### 5. Wiring Diagram Logic
```mermaid
graph LR
A[Power Source] --> B{M5TS-1A-R}
B -- Closed at High Temp --> C[Cooling Fan / Alarm]
B -- Open at Low Temp --> D[System Idle]
```
- ⤷
What is the specific trip temperature for the 'R' variant of this switch?
- ⤷ Can this component be used in DC circuits
- ⤷ and what are the limitations?
- ⤷ How does the 'Normally Open' version differ in application from the 'Normally Closed' version?