công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5TS-00-R/Q

  • AI
    The **M5TS-00-R/Q** refers to a specific series of miniature thermal switches (often categorized as thermostats) manufactured by **Sensata Technologies (Airpax)**. These components are designed for precision temperature control and over-temperature protection in electronic assemblies. --- ### 1. General Specifications The M5TS series is a sub-miniature, bimetallic snap-acting thermal switch. Its primary function is to open or close an electrical circuit when a specific temperature threshold is reached. | Feature | Description | | :--- | :--- | | **Contact Action** | Snap-action (reduces arcing and increases lifespan) | | **Mounting** | Surface Mount Device (SMD) / PCB Mount | | **Reset Type** | Automatic (resets once temperature drops below the differential) | | **Accuracy** | High precision, typically ±5°C or tighter depending on model | | **Housing** | Hermetically or environmentally sealed for harsh conditions | --- ### 2. Suffix Breakdown (R/Q) In the Sensata/Airpax naming convention, these letters usually denote the **Contact Logic** or **Terminal Configuration**: * **R (Normally Closed):** The circuit is closed under normal temperatures. When the device heats up to the set point, the contacts **Open**, cutting power to the load (used for over-temp protection). * **Q (Normally Open):** The circuit is open under normal temperatures. When the device reaches the set point, the contacts **Close**, completing the circuit (used for activating cooling fans or alarms). --- ### 3. Key Electronic Characteristics These parts are engineered for low-power signal switching or triggering power MOSFETs/Relays rather than driving heavy industrial loads directly. * **Contact Rating:** Typically rated around **1A at 48VDC** or **120VAC** (Check specific datasheet for the exact amperage as miniature parts have lower limits). * **Dielectric Strength:** Usually 500VAC 60Hz for 1 minute between contacts. * **Contact Resistance:** Extremely low (typically <50 mΩ) to ensure signal integrity. * **Life Cycle:** Rated for approximately 10,000 to 100,000 cycles depending on the electrical load applied. --- ### 4. Common Applications Due to their small footprint (similar to a TO-220 or a large SMD resistor), they are used in: 1. **Power Supplies:** Monitoring transformer or heatsink temperatures. 2. **Medical Equipment:** Precise thermal regulation for sensitive electronics. 3. **Aerospace/Defense:** High-reliability thermal monitoring in compact avionics. 4. **Battery Packs:** Preventing thermal runaway during charging cycles. --- ### 5. Implementation Example If using the **M5TS-00-R** (Normally Closed) for over-temperature protection: ```cpp // Logic Diagram [Power Source] --- [M5TS-00-R] --- [Load/CPU] --- [GND] // Result: // - Temperature < Threshold: M5TS is CLOSED, Load runs normally. // - Temperature > Threshold: M5TS OPENS, Load loses power to prevent damage. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact trip temperature range available for the M5TS series?
    • ⤷ How does the 'snap-action' mechanism differ from a creep-action thermal switch?
    • ⤷ Can the M5TS-00-R be used directly to switch a high-current AC motor?