công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RS-6D-R

  • AI
    The **M5RS-6D-R** is a specific model of a **Miniature Magnetic Rotary Encoder** (or sometimes categorized as a high-precision rotary switch/encoder assembly). These components are widely used in industrial automation, robotics, and precision instruments to translate rotational motion into digital or analog electrical signals. --- ### 1. Technical Specifications The "M5RS" series typically features the following electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Rotary Encoder | | **Input Voltage** | Typically 5V DC (varies by sub-model) | | **Resolution** | 6-bit (indicated by the '6D' in the part number) | | **Output Type** | Voltage output or Gray Code (Digital) | | **Connection** | Lead wires or PCB terminals | | **Rotation** | 360° Continuous or Indexed | --- ### 2. Breakdown of the Part Number * **M5**: Refers to the physical series/housing size (Miniature class). * **RS**: Indicates "Rotary Sensor" or "Rotary Switch" functionality. * **6D**: Specifies the resolution or step count (often 64 positions or a 6-bit binary output). * **R**: Generally signifies the direction of rotation (Right/Clockwise priority) or specific RoHS compliance/packaging standards. --- ### 3. Core Electronic Components The internal architecture of the M5RS-6D-R usually consists of three main parts: 1. **Permanent Magnet:** Attached to the rotating shaft. As it turns, the orientation of the magnetic field changes. 2. **Hall-Effect Sensor IC:** A specialized integrated circuit that detects the angle of the magnetic field without physical contact. This reduces wear and tear compared to mechanical potentiometers. 3. **Signal Processing Circuitry:** Converts the raw magnetic data into a usable electrical format, such as: * **Gray Code:** To prevent errors during state transitions. * **Voltage Divider:** Providing a ratiometric analog output. --- ### 4. Applications Due to its miniature size and magnetic sensing technology, it is ideal for: * **Medical Equipment:** Adjusting settings on compact diagnostic tools. * **Aerospace:** Cockpit panel controls where space is limited. * **Robotics:** Small joint position sensing or motor feedback. * **Consumer Electronics:** High-end audio volume or navigation knobs. --- ### 5. Advantages * **Contactless Sensing:** No physical wipers, leading to a much longer operational life (often millions of cycles). * **Compact Form Factor:** Designed for tight PCB layouts. * **High Reliability:** Resistant to dust, moisture, and mechanical vibration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an optical and a magnetic rotary encoder?
    • ⤷ How do I interface the 6-bit output of the M5RS-6D-R with an Arduino?
    • ⤷ What are the specific wiring pinouts for the M5RS series?