M5RS-50-R
AI

The **M5RS-50-R** is a high-performance, shielded power inductor specifically designed for surface-mount (SMT) applications. It belongs to the high-current power inductor category, commonly used in DC-DC converters and power management systems.
### 1. Key Technical Specifications
Below is a technical breakdown of the component's primary electrical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 5.0 µH |
| **Tolerance** | ±20% |
| **Shielding** | Magnetically Shielded |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
### 2. Physical & Material Composition
The "M5RS" series is characterized by its compact footprint and robust construction.
* **Shielding:** The part is magnetically shielded, which minimizes Electromagnetic Interference (EMI). This is critical for high-density PCBs where components are placed close together.
* **Core Material:** Typically utilizes a ferrite core or metal composite core to achieve high saturation currents while maintaining a small physical size.
* **Termination:** Lead-free (RoHS compliant) terminations compatible with standard reflow soldering profiles.
---
### 3. Common Applications
Due to its high energy storage density and low EMI profile, the M5RS-50-R is typically found in:
1. **DC-DC Converters:** Used as the main energy storage element in buck, boost, or buck-boost power supplies.
2. **Consumer Electronics:** Found in laptops, tablets, and smartphones where space is limited but power efficiency is required.
3. **Industrial Controls:** Used in power regulation modules for sensors and automation equipment.
4. **LED Drivers:** Providing stable current for high-brightness LED arrays.
---
### 4. Circuit Representation
In a schematic, this part is represented as an inductor. If used in a simple Buck Converter, the implementation would look like this:
```spice
* Simple Buck Converter Fragment
V_In N001 0 12V
S1 N001 N002 PWM_Signal
D1 0 N002 Schottky
L1 N002 V_Out 5.0uH ; This is the M5RS-50-R
C1 V_Out 0 100uF
R_Load V_Out 0 10
```
- ⤷
What is the saturation current (Isat) for the M5RS-50-R?
- ⤷ What are the physical dimensions (footprint) of this inductor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this series?