công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RS-45W-R

  • AI
    The **M5RS-45W-R** is a high-performance, compact AC/DC power supply module typically designed for industrial applications where space is limited and reliability is critical. It belongs to a class of "open frame" or "encapsulated" power converters. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typical of this model: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 264V AC (Universal) or 120 - 370V DC | | **Output Power** | 45 Watts (Maximum) | | **Output Voltage** | Usually 12V, 15V, or 24V DC (Model specific suffix) | | **Efficiency** | Up to 88% - 90% | | **Isolation Voltage** | 3000V AC - 4000V AC (Input to Output) | | **Operating Temperature** | -40°C to +70°C (with derating) | --- ### 2. Core Electronic Components The internal circuitry of the M5RS-45W-R consists of several functional stages: #### A. Input Protection & Filtering * **Fuse:** Built-in protection against catastrophic short circuits. * **MOV (Metal Oxide Varistor):** Protects the internal components from high-voltage surges/spikes. * **EMI Filter:** Includes X/Y capacitors and common-mode chokes to reduce electromagnetic interference back into the power grid. #### B. Rectification & Bulk Storage * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Electrolytic Capacitor:** Acts as a "bulk" storage device to smooth the DC ripple, ensuring the high-frequency switcher has a steady source of energy. #### C. Power Conversion (The Heart) * **PWM Controller IC:** The "brain" that regulates output voltage by adjusting the switching frequency or duty cycle. * **Power MOSFET:** A high-speed transistor that chops the DC voltage at high frequencies (typically 65kHz - 100kHz). * **High-Frequency Transformer:** Provides galvanic isolation and steps down the high voltage to the required output level. #### D. Secondary Rectification & Feedback * **Schottky Diodes/Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back into low-voltage DC. * **Optocoupler:** Provides a feedback loop from the output back to the PWM controller while maintaining electrical isolation. --- ### 3. Protection Features The M5RS-45W-R is engineered with several safety "layers" to prevent damage to the load: 1. **Short Circuit Protection (SCP):** The unit enters "hiccup mode" until the short is removed. 2. **Over Current Protection (OCP):** Limits the output current to prevent overheating. 3. **Over Voltage Protection (OVP):** Clamps the output if the feedback loop fails to prevent frying the connected electronics. --- ### 4. Application Use-Cases * **Industrial Automation:** Powering PLCs or small sensors. * **IoT Gateways:** Reliable power for communication hubs. * **LED Systems:** Stable DC voltage for high-brightness lighting arrays. * **Medical Equipment:** (Depending on specific certifications) low leakage current applications.
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage for the M5RS-45W-R model?
    • ⤷ How does 'hiccup mode' differ from standard thermal shutdown?
    • ⤷ Is this power supply compatible with DIN rail mounting?