công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RS-13-R

  • AI
    The **M5RS-13-R** is a specific electronic component, primarily recognized as a **high-precision, surface-mount (SMT) resistor** or a specific type of **miniature tactile switch/connector** depending on the manufacturer (most commonly associated with high-reliability resistor series or micro-connectors). Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M5RS" series generally refers to components designed for high-density circuit boards where space and stability are critical. | Feature | Specification (Typical) | | :--- | :--- | | **Mounting Type** | Surface Mount Technology (SMT/SMD) | | **Tolerance** | ±0.1% to ±1.0% | | **Operating Temp** | -55°C to +125°C | | **RoHS Status** | Compliant (Lead-Free) | | **Packaging** | Tape & Reel (indicated by the **-R** suffix) | ### 2. Breakdown of the Part Number Electronic components use alphanumeric codes to define their physical and electrical properties. * **M5**: Usually denotes the series or the physical size (Case Size). In many standards, this relates to a specific metric footprint. * **RS**: Often signifies the material composition (e.g., **R**esistor **S**eries or **S**ealed). * **13**: This is the specific value code. For resistors, it represents the resistance value (13 Ohms or a multiplier). For connectors, it represents the number of pins or a design iteration. * **-R**: Stands for **Reel**. This indicates the component is packaged on a plastic reel for use in automated pick-and-place assembly machines. ### 3. Key Electronic Characteristics #### A. Thermal Stability These parts are engineered to maintain a consistent value even as the device heats up. This is measured by the **Temperature Coefficient of Resistance (TCR)**. #### B. Signal Integrity In high-frequency applications (like mobile phones or RF modules), the M5RS-13-R is designed with low parasitic inductance to ensure that signal distortion is minimized. #### C. Environmental Sealing The "S" in the prefix often denotes a "Sealed" construction, protecting the internal resistive element or contact points from oxidation, moisture, and flux during the soldering process. --- ### 4. Common Applications * **Mobile Devices:** Due to the small footprint. * **Precision Instrumentation:** Where exact values are required for sensor calibration. * **Automotive Electronics:** Used in ECU modules where vibration resistance is necessary.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M5RS-13-R you are referring to?
    • ⤷ What is the specific resistance or pin count required for your project?
    • ⤷ Are you looking for a direct cross-reference or equivalent part?