công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RS-0Z-R

  • AI
    The **M5RS-0Z-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized passive component. Based on the part numbering convention, this component is often associated with high-frequency power management circuits. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer, parts in the M5RS series generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Component | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | Usually ±20% (standard for power inductors) | | **Operating Temperature** | -40°C to +125°C | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | | **RoHS Status** | Lead-free and compliant | --- ### 2. Physical and Material Characteristics * **Construction:** These parts usually feature a shielded construction to minimize Electromagnetic Interference (EMI). * **Core Material:** Often made of a metal alloy or ferrite core to balance high saturation current with low core losses. * **Size Factor:** The "0Z" or "M5" designations often refer to the physical footprint (dimensions in millimeters or a proprietary casing size). --- ### 3. Common Applications The M5RS-0Z-R is designed for use in power conversion circuits where space is limited but efficiency is critical. Common use cases include: 1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators. 2. **Smartphones & Tablets:** High-density power management units (PMUs). 3. **Portable Electronics:** Battery-powered devices requiring small-form-factor inductors. 4. **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. --- ### 4. Circuit Role In a circuit, this part performs the following functions: * **Filtering:** Smooths out high-frequency ripple currents from switching power supplies. * **Energy Storage:** Stores energy in its magnetic field during the "ON" cycle of a switch and releases it during the "OFF" cycle. * **Impedance Matching:** Provides the necessary inductive reactance for specific frequency-dependent circuits.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and current rating for this specific part number?
    • ⤷ Which manufacturers are the primary producers of the M5RS series?
    • ⤷ How does the shielding in this part compare to non-shielded inductors in terms of EMI?