công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RS-00-R

  • AI
    ## Overview of the M5RS-00-R The **M5RS-00-R** is a specialized electronic component, typically categorized as a **Resistor Network** or a specific **Current Sense Resistor** assembly, often used in automotive or high-precision industrial power electronics. Below is a breakdown of its technical characteristics and electronic composition. --- ### Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Precision Resistor / Current Shunt | | **Resistance Value** | Often 0.5mΩ to 5mΩ (depending on specific sub-series) | | **Tolerance** | ±1% or ±5% | | **Mounting Type** | Surface Mount (SMD) or Bolt-on | | **Power Rating** | High Power (often 3W to 7W+) | | **Operating Temperature** | -55°C to +170°C | --- ### Core Electronic Characteristics 1. **Low TCR (Temperature Coefficient of Resistance):** These parts are engineered to maintain a stable resistance value even as the component heats up. This is critical for accurate current measurement in power management systems. 2. **Manganin or NiCr Construction:** The internal resistive element is usually made of specialized alloys like Manganin or Nickel-Chromium, welded to copper terminals to ensure low thermal EMF (Electromotive Force). 3. **Four-Terminal (Kelvin) Connection Capability:** Many parts in this series are designed to support 4-terminal sensing. This separates the current path from the voltage sensing path, eliminating the effect of lead and contact resistance. --- ### Typical Application Circuits The M5RS series is frequently found in the following electronic environments: * **BMS (Battery Management Systems):** Monitoring the charge and discharge current of Li-ion battery packs. * **Motor Control:** Providing feedback to the inverter for torque and speed regulation. * **DC-DC Converters:** Sensing output current for overcurrent protection (OCP). ```python # Conceptual logic for using M5RS-00-R in a sensing circuit def calculate_current(v_sense, r_m5rs): """ V = I * R => I = V / R Example: V_sense measured across M5RS-00-R """ resistance = 0.001 # 1mOhm example current = v_sense / resistance return current ``` --- ### Comparison with Standard Resistors | Feature | Standard Thick Film Resistor | M5RS Series | | :--- | :--- | :--- | | **Heat Dissipation** | Low | High (Metal Plate Technology) | | **Accuracy** | Moderate | Very High | | **Inductance** | High | Ultra-Low (Non-inductive) |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for your specific M5RS-00-R variant?
    • ⤷ Are you looking for a datasheet comparison with a specific competitor brand?
    • ⤷ Do you need a circuit diagram for a 4-wire Kelvin connection using this part?