công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ83ZQJ-R

  • AI
    The **M5RJ83ZQJ-R** is a high-performance **Magnetic Random Access Memory (MRAM)** component manufactured by **Everspin Technologies**. It belongs to their STT-MRAM (Spin-transfer Torque MRAM) family, designed for applications requiring high endurance, non-volatility, and high-speed data processing. --- ## 1. Technical Specifications Overview Below are the primary electronic characteristics of the M5RJ83ZQJ-R: | Parameter | Specification | | :--- | :--- | | **Memory Type** | STT-MRAM (Non-Volatile) | | **Density** | 1 Gb (Gigabit) | | **Interface** | JEDEC compliant DDR4 | | **Data Rate** | Up to 2400 MT/s | | **Voltage (VDD)** | 1.2V | | **Package** | 78-ball FBGA | | **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) | --- ## 2. Key Electronic Features ### A. Spin-Transfer Torque (STT) Technology Unlike traditional DRAM which stores data in capacitors (requiring constant refreshing), the M5RJ83ZQJ-R uses magnetic states to store bits. This provides several advantages: * **Non-Volatility:** Data is retained even when power is lost. * **Infinite Endurance:** Unlike Flash memory, MRAM does not wear out after repeated write cycles. ### B. DDR4 Interface Compatibility The chip is electronically designed to mimic a standard DDR4 DRAM module. This allows system designers to use standard memory controllers while gaining non-volatile benefits. * **Latency:** It operates with low latency comparable to DRAM. * **Refresh Cycles:** Unlike DRAM, it does not require typical refresh cycles to maintain data, though the interface may still use them for protocol compatibility. ### C. Power Management * **Low Voltage:** Operates at a standard 1.2V VDD/VDDQ. * **Energy Efficiency:** Because it is non-volatile, the system can be fully powered down without losing the "state" of the application, leading to significant power savings in "sleep" modes. --- ## 3. Pin Configuration & Signal Integrity The 78-ball FBGA package ensures high signal integrity for high-speed data transfers. The pinout includes: 1. **Address/Command Inputs:** Standard DDR4 signals (A0-A17, BA0-BA1, BG0). 2. **Data I/O (DQ):** 8-bit wide data bus (x8 organization). 3. **Clocking:** Differential clock inputs (CK_t, CK_c). 4. **Strobes:** Differential Data Strobes (DQS_t, DQS_c) for synchronized data capture. --- ## 4. Typical Application Use Cases * **Enterprise Storage:** Used as a write buffer or "Journaling" memory to prevent data loss during sudden power failure. * **Industrial Automation:** Storing critical configuration data and real-time logs that must survive power cycles. * **Edge Computing:** High-speed caching for AI workloads where data persistence is required at the hardware level.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between STT-MRAM and traditional NAND Flash?
    • ⤷ How does the DDR4 interface in MRAM handle 'Refresh' commands?
    • ⤷ What are the specific power-fail protection advantages of the M5RJ83ZQJ-R?