công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ83SPJ-R

  • AI
    The **M5RJ83SPJ-R** is a specific electronic component identifier, typically associated with high-precision **SMD (Surface Mount Device) Resistors** or specialized connector interfaces, depending on the manufacturer's series. Based on standard industry naming conventions for this part number (often linked to brands like **Akaneohmi** or specific precision metal film series): ## Component Overview | Attribute | Specification | | :--- | :--- | | **Component Type** | Precision Resistor / Lead-free Component | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Resistance Value** | Defined by "83S" (Specialized coding) | | **Tolerance** | Generally ±0.1% to ±5% (depending on the "J" suffix) | | **RoHS Status** | Compliant (Indicated by "-R") | --- ## Technical Breakdown of the Part Number Electronic part numbers are alphanumeric codes where each character represents a specific technical parameter: ### 1. Series Prefix (M5) The "M5" typically denotes the physical size or the power rating of the component. In the context of chip resistors, this often relates to the **0805 or 1206 metric/imperial footprints**, or a specific wattage (e.g., 1/10W or 1/8W). ### 2. Material/Type (RJ) The "RJ" code usually signifies the internal construction. * **Metal Film:** High stability and low noise. * **Thick Film:** General purpose, cost-effective. ### 3. Resistance Value (83S) This is a proprietary or specialized value code. In standard EIA-96 systems, three digits represent the significant figures and the multiplier. "83S" suggests a specialized resistance value tailored for specific circuit biasing or feedback loops. ### 4. Tolerance (J) The letter **"J"** is the industry standard code for **±5% Tolerance**. This means the actual resistance of the part can vary by 5% above or below its nominal value. ### 5. Packaging/Compliance (SPJ-R) * **SP:** Often refers to "Special" specifications or specific tape-and-reel packaging formats. * **-R:** Stands for **RoHS Compliant** (Lead-Free), ensuring the part meets environmental safety standards for international sale. --- ## Common Applications These parts are typically found in: * **Consumer Electronics:** Power management modules. * **Industrial Controls:** Signal conditioning circuits. * **Telecommunications:** Impedance matching in high-frequency boards. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the 83S code?
    • ⤷ Which manufacturer produces the M5RJ series?
    • ⤷ What are the footprint dimensions for this part?