công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ83EQJ-R

  • AI
    The part number **M5RJ83EQJ-R** refers to a specific electronic component, typically identified as a **tactile switch** (or tact switch) often manufactured by companies like ALPS or similar electronic component providers. These are momentary push-button switches used widely in consumer electronics. --- ### 1. Component Overview A tactile switch is an on/off electronic switch that is only "on" when the button is pressed. As soon as the button is released, the circuit is broken. The "R" suffix usually denotes that the part is supplied on **Tape & Reel** for automated SMT (Surface Mount Technology) assembly. ### 2. Technical Specifications While specific datasheets may vary slightly by manufacturer, the standard parameters for this series are as follows: | Feature | Specification | |:---|:---| | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Actuation Force** | Typically 1.6N to 2.5N (Medium force) | | **Operating Life** | ~100,000 to 500,000 cycles | | **Contact Rating** | 50mA @ 12V DC (Standard signal level) | | **Travel** | 0.25mm - 0.3mm | --- ### 3. Physical Characteristics * **Dimensions:** Usually a compact footprint (e.g., 3.5 x 2.9mm or 6.0 x 6.0mm depending on the exact sub-series). * **Terminals:** J-bend or Gull-wing leads for soldering onto PCBs. * **Actuator:** Often a low-profile "stem" or button top made of heat-resistant plastic. ### 4. Typical Applications These switches are found in devices where user feedback (a "click") is required: 1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on cameras. 2. **Home Appliances:** Control panels on microwave ovens or washing machines. 3. **Industrial:** Reset buttons on embedded controller boards. 4. **Automotive:** Dashboard controls and steering wheel buttons. --- ### 5. Schematic Representation In a circuit diagram, the part is represented as a simple open switch: ```text (Input) o-------/ -------o (Output) (Push to Close) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the M5RJ83EQJ-R?
    • ⤷ Are there waterproof versions of this tactile switch?
    • ⤷ What is the recommended reflow soldering profile for this SMT part?