công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ76ZQJ-R

  • AI
    The **M5RJ76ZQJ-R** is a specific part number typically associated with **MELF (Metal Electrode Leadless Face)** resistors. These components are surface-mount devices (SMD) characterized by their cylindrical shape, offering superior stability and reliability compared to standard thick-film chip resistors. --- ## 1. Technical Specifications Based on the standard nomenclature for this series, here are the likely electronic characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Precision MELF Resistor | | **Package Size** | 0204 (Mini-MELF) or 0207 | | **Tolerance** | Usually ±0.1% to ±1% (High Precision) | | **Power Rating** | 0.25W to 0.4W (depending on specific thermal mounting) | | **Temperature Coefficient** | ±15 ppm/K to ±50 ppm/K | | **Termination** | Sn (Tin) over Ni (Nickel) barrier | --- ## 2. Key Features The M5RJ series is designed for high-performance applications where reliability is critical. * **Pulse Stability:** The cylindrical design allows for better heat dissipation and pulse load capability than flat chip resistors. * **Low Noise:** Thin-film technology ensures very low current noise and high linearity. * **Environmental Protection:** Typically coated with a specialized protective lacquer to resist moisture and sulfur. * **Mechanical Strength:** The MELF structure is less prone to cracking under board flexure compared to ceramic chip resistors. --- ## 3. Physical Construction The internal and external architecture of the device is structured as follows: 1. **Ceramic Core:** High-grade alumina ceramic providing structural integrity. 2. **Resistive Layer:** A thin-film metal alloy deposited on the core. 3. **End Caps:** Steel caps pressed onto the ends to ensure solid electrical contact. 4. **Helical Grooving:** The resistance value is precisely calibrated by laser-cutting a spiral groove into the resistive layer. --- ## 4. Common Applications Due to its precision and stability, the M5RJ76ZQJ-R is commonly used in: * **Automotive Electronics:** Engine control units and braking systems (ABS). * **Industrial Instrumentation:** Measurement equipment and sensors. * **Telecommunications:** Base stations and high-frequency signal processing. * **Medical Equipment:** Monitoring devices requiring long-term accuracy. ---
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for MELF packages compared to standard SMD resistors?
    • ⤷ How does the power rating of this part change with ambient temperature?
    • ⤷ Are there specific alternatives to the M5RJ series for high-vibration environments?