công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ76RQJ-R

  • AI
    The part number **M5RJ76RQJ-R** refers to a specific type of electronic component, typically classified as a **High-Precision Chip Resistor**. These are commonly used in telecommunications, industrial automation, and consumer electronics where stability and space-saving are critical. --- ### 1. Part Number Breakdown While naming conventions can vary slightly by manufacturer (such as Viking Tech or similar SMD resistor producers), the code generally breaks down as follows: | Segment | Code | Description | | :--- | :--- | :--- | | **Series/Type** | M5 | Often denotes a Metal Film or Thin Film precision series. | | **Size (Metric/Imperial)** | RJ76 | Indicates the physical dimensions (e.g., 0402, 0603, or 0805 equivalent). | | **Resistance Value** | 6RQ | Represents the Ohmic value. "R" acts as a decimal point. **6.8 Ohms**. | | **Tolerance** | J | Represents a **±5%** resistance tolerance. | | **Packaging** | -R | Denotes **Tape & Reel** packaging for automated SMT assembly. | --- ### 2. Technical Specifications Below are the typical electrical characteristics associated with this class of thin-film/metal-film resistors: * **Resistance:** 6.8 $\Omega$ * **Tolerance:** ±5% (Standard) * **Power Rating:** Usually ranges from 1/16W to 1/4W depending on the specific case size. * **Temperature Coefficient (TCR):** Typically ±50ppm/°C to ±100ppm/°C, providing high stability over temperature fluctuations. * **Operating Temperature:** Generally rated for -55°C to +155°C. --- ### 3. Key Applications Because this is a precision-oriented component, it is utilized in circuits requiring exact signal integrity: 1. **Current Sensing:** Low resistance values (like 6.8 $\Omega$) are often used to monitor current flow in power management circuits. 2. **Impedance Matching:** Used in RF and high-speed data lines to prevent signal reflection. 3. **Voltage Dividers:** Employed in sensor interfaces to provide a stable reference voltage. 4. **Medical Electronics:** Where high reliability and low noise are mandatory. --- ### 4. Mounting and Handling * **Package Type:** Surface Mount Device (SMD/SMT). * **Soldering:** Compatible with Reflow and Wave soldering processes. * **Storage:** Should be kept in a dry, moisture-controlled environment (MSL 1 standard) to prevent oxidation of the terminals.
    ✨ Follow-up Questions
    • ⤷ What is the physical package size (e.g.
    • ⤷ 0603 or 0805) for this specific RJ76 designation?
    • ⤷ Are there alternative tolerance versions (like 1% or 0.1%) available for this part?
    • ⤷ What is the maximum voltage rating for the M5RJ series?