công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ76EQJ-R

  • AI
    The part number **M5RJ76EQJ-R** refers to a high-precision, automotive-grade thin film chip resistor manufactured by **Susumu**. It belongs to the **HRG series**, which is known for its high power handling capabilities in small packages and excellent reliability. --- ### 1. Technical Specifications Below are the primary technical parameters for this electronic component: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Susumu | | **Series** | HRG Series (High Power Thin Film) | | **Resistance** | 76 Ohms (derived from the '76E' coding) | | **Tolerance** | ±0.1% (High Precision) | | **Power Rating** | 0.5W to 1W (High power density for 1206 size) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C | | **Package / Case** | 1206 (3216 Metric) | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Features * **Thin Film Technology:** Unlike thick film resistors, thin film provides significantly lower noise, better stability, and tighter tolerances. * **High Power Density:** The HRG series is designed with a unique structure that allows it to handle much higher power than standard 1206 thin-film resistors (usually 0.25W). * **Inorganic Passivation:** It uses a specialized inorganic thin-film coating that offers superior moisture resistance and prevents sulfurization. * **AEC-Q200 Compliant:** This part is qualified for automotive use, ensuring high reliability under thermal shock and vibration. --- ### 3. Application Use Cases Due to its precision and power handling, the M5RJ76EQJ-R is typically used in the following scenarios: 1. **Automotive Electronics:** Power control units, engine sensors, and battery management systems (BMS). 2. **Industrial Equipment:** High-precision measurement tools and industrial robotics. 3. **Medical Devices:** Imaging equipment and diagnostic tools where signal integrity is critical. 4. **Telecommunications:** Base station power supplies and high-frequency communication modules. --- ### 4. Part Number Breakdown (Generic Susumu HRG) While exact alphanumeric sequences can vary by distributor, the typical breakdown for this series is: * **HRG (M5):** Series identifier / High Power. * **3216 (J):** Case size 3.2mm x 1.6mm (1206). * **76E:** Resistance value (76 Ohms). * **Q:** TCR (±25 ppm/°C). * **B/D/F:** Tolerance indicator (Q or B usually denotes ±0.1%). * **-R:** Packaging (Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between thin film and thick film resistors in high-power applications?
    • ⤷ Can this resistor be used in high-sulfur environments?
    • ⤷ What are the recommended soldering profiles for the Susumu HRG series?