công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ75UPJ-R

  • AI
    ## Technical Analysis of M5RJ75UPJ-R The **M5RJ75UPJ-R** is a specific electronic component, typically categorized as a high-precision, surface-mount **Chip Resistor**. It is commonly manufactured by companies like **KOA Speer** or **Panasonic**, often used in automotive and industrial applications due to its reliability. --- ### 1. Key Technical Specifications Based on standard nomenclature for this part series, here are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Chip Resistor | | **Resistance Value** | 75 Ohms (indicated by "75") | | **Tolerance** | ±5% (indicated by "J") | | **Power Rating** | Typically 1/10W to 1/8W (depending on case size) | | **Package / Case** | 0603 or 0805 (Metric 1608 or 2012) | | **Termination Style** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel ("-R") | --- ### 2. Breakdown of the Part Number Part numbers in this category are alphanumeric codes where each character represents a physical or electrical attribute: * **M5**: Often refers to the series or the power rating/size ratio (varies by manufacturer). * **RJ**: Indicates the resistor type (typically Thick Film or Metal Film). * **75**: The numerical resistance value in Ohms ($\Omega$). * **J**: The tolerance code ($J = \pm5\%$, whereas $F = \pm1\%$). * **UP**: Specific coating or terminal plating (often Lead-Free/RoHS compliant). * **J-R**: Packaging designation, usually standing for "Reel." --- ### 3. Applications and Usage The M5RJ75UPJ-R is designed for general-purpose electronic circuitry. Its specific use cases include: * **Impedance Matching:** 75-ohm resistors are industry standards for video signals and telecommunications (e.g., COAX cable terminations). * **Current Limiting:** Protecting LEDs or sensitive transistor bases. * **Voltage Division:** Creating specific reference voltages within a circuit. * **Pull-up/Pull-down:** Ensuring stable logic levels in digital microcontrollers. --- ### 4. Material Composition As a thick-film resistor, it generally consists of: 1. **Ceramic Substrate:** Usually Alumina ($Al_2O_3$) for heat dissipation. 2. **Resistive Element:** A metal-glaze film fired onto the ceramic. 3. **Protective Layer:** An epoxy or glass overcoat to prevent environmental damage. 4. **Terminations:** Tin (Sn) over a Nickel (Ni) barrier to ensure good solderability.
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick film and thin film resistors?
    • ⤷ How do I calculate the power dissipation for this 75-ohm resistor?
    • ⤷ What are the common alternatives if this part is out of stock?