công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ73SQJ-R

  • AI
    The part number **M5RJ73SQJ-R** refers to a specific electronic component, typically identified as a **high-precision, surface-mount resistor** often used in automotive or industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The M5RJ series is part of the **Thin Film Chip Resistor** family. These are known for their high stability, low noise, and precise tolerances compared to standard thick film resistors. | Feature | Specification (Typical) | | :--- | :--- | | **Technology** | Thin Film (Metal Film) | | **Package / Case** | 0603 (1608 Metric) or 0805 (2012 Metric)* | | **Resistance Value** | Defined by "73S" code (Specific Ohm value) | | **Tolerance** | ±0.1% to ±0.5% (High Precision) | | **Termination** | Sn (Tin) over Nickel Barrier | | **Packaging** | Tape & Reel ("-R") | *\*Note: Exact dimensions depend on the specific manufacturer series (often KOA Speer or Susumu).* --- ### 2. Part Number Breakdown (Deciphering the Code) While naming conventions vary slightly by manufacturer, the code generally follows this logic: * **M5RJ**: The Series designation. Indicates a high-reliability, thin-film resistor designed for precision. * **73S**: The Resistance/Size code. In many SMD systems, this indicates the geometric size and the base resistance value using a multiplier. * **QJ**: The Tolerance and Temperature Coefficient (TCR) indicators. "Q" often represents ±0.02% or ±0.05% tolerance in high-end parts, while "J" usually refers to a 5% tolerance in general parts (though in thin films, it often indicates the TCR rating). * **-R**: Packaging suffix. Stands for **Taped & Reeled**, indicating the part is supplied on a plastic or paper carrier for automated SMT assembly. --- ### 3. Key Electrical Characteristics Thin film resistors like the M5RJ73SQJ-R possess distinct advantages for circuit designers: #### A. Low TCR (Temperature Coefficient of Resistance) The resistance value stays extremely stable even as the operating temperature changes. This is critical for measurement equipment. #### B. High Reliability These parts are often **AEC-Q200 qualified**, meaning they are tested to withstand the harsh environments of automotive engine compartments (vibration, thermal shock, and moisture). #### C. Low Noise Thin film construction results in significantly lower "current noise" and "distortions" compared to thick film alternatives, making them ideal for audio processing and high-speed signal conditioning. --- ### 4. Common Applications * **Automotive Electronics:** Engine Control Units (ECUs), braking systems (ABS), and battery management. * **Medical Equipment:** Precision monitoring devices and diagnostic tools. * **Telecommunications:** Base stations and high-frequency signal routing. * **Industrial Automation:** Sensor interfaces and PLC analog inputs.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the '73S' code in this series?
    • ⤷ How does a thin film resistor differ from a thick film resistor in terms of performance?
    • ⤷ Is this specific part AEC-Q200 compliant for automotive use?