M5RJ68RQJ-R
AI

The **M5RJ68RQJ-R** is a specific surface-mount electronic component, primarily categorized as a **Thick Film Chip Resistor**. These components are fundamental building blocks in almost all modern electronic circuits, used to control current flow and provide voltage division.
---
### 1. Technical Specifications
Based on the standard nomenclature for this series, here are the core technical characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Thick Film Chip Resistor |
| **Resistance Value** | 6.8 MΩ (Megaohms) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Metal glaze on high-grade ceramic |
| **Packaging** | Tape & Reel (indicated by '-R') |
---
### 2. Breakdown of the Part Number
Manufacturers often use a coded system to define the part's physical and electrical properties. While specific prefixes vary by brand (such as ASJ or Rohm), the string generally breaks down as follows:
* **M5/M**: Often refers to the series or the physical size (e.g., 0805 or 0603 metric/inch codes).
* **RJ**: Indicates the resistor type (High-reliability or Thick Film).
* **68R**: This is the resistance designator. In this context, it represents **6.8**.
* **Q**: Often acts as a multiplier or a specific temperature coefficient (TCR) marker.
* **J**: Represents the **Tolerance**. 'J' is the industry standard code for **±5%**.
* **-R**: Stands for **RoHS Compliant** and **Reel** packaging.
---
### 3. Key Applications
Because of its high resistance value (6.8 MΩ), this part is typically used in specific circuit scenarios:
1. **Pull-up/Pull-down Resistors:** Used to ensure that input pins to microcontrollers settle at a specific logic level when no other signal is present.
2. **Voltage Dividers:** Used in high-impedance circuits to scale down high voltages for measurement.
3. **Battery Management:** Often found in low-power or battery-operated devices where high resistance is needed to minimize current leakage and preserve battery life.
4. **Signal Conditioning:** Used in analog filters or sensor interfaces where high input impedance is required.
---
### 4. Physical Construction
* **Substrate:** A high-purity alumina (ceramic) base provides mechanical strength and electrical insulation.
* **Resistive Element:** A "Thick Film" paste (usually a mix of metal and glass) is screened onto the ceramic.
* **Protective Layer:** An epoxy or glass coating protects the resistive element from humidity and physical damage.
* **Terminations:** The ends are typically plated with tin (Sn) over a nickel (Ni) barrier to ensure excellent solderability.
---
- ⤷
What is the physical package size (e.g.
- ⤷ 0603 or 0805) for this specific part?
- ⤷How does a ±5% tolerance compare to ±1% in precision circuits?
- ⤷Can this resistor be used in high-voltage environments?