công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ68EPJ-R

  • AI
    Based on the part number **M5RJ68EPJ-R**, this component belongs to the category of **Surface Mount (SMD) Power Inductors**, specifically designed for automotive and high-reliability industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Identification | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Construction** | Shielded, Metal Composite / Ferrite Core | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Application** | DC-DC Converters, Automotive ECU, Power Modules | --- ## 2. Technical Specifications The part number follows a specific nomenclature that defines its electrical behavior: ### A. Inductance Value The "68" in the part number typically refers to the inductance value. Depending on the manufacturer's series (often related to Cyntec or Delta series): * **Value:** 6.8 µH (Microhenries). * **Tolerance:** Usually ±20% (indicated by codes like "M"). ### B. Current Ratings These inductors are designed to handle high current with low DC resistance (DCR): * **Saturation Current ($I_{sat}$):** The current at which the inductance drops by a specific percentage (usually 30%). * **Heating Current ($I_{rms}$):** The current that causes a specific temperature rise (usually 40°C) above ambient. ### C. Physical Characteristics * **Shielding:** Magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical in dense PCB layouts. * **Material:** Often uses a metal alloy powder core, providing soft saturation characteristics compared to traditional ferrite cores. --- ## 3. Key Electronic Benefits 1. **High Efficiency:** Low DCR (Direct Current Resistance) minimizes power loss as heat. 2. **Stability:** The metal composite core allows for stable performance across a wide temperature range (often -55°C to +125°C or +150°C). 3. **Low Acoustic Noise:** The molded construction reduces the physical vibration (buzzing) often found in standard inductors. 4. **AEC-Q200 Compliance:** If the "R" suffix indicates a specific automotive grade, it is tested for high vibration and thermal shock resistance. --- ## 4. Typical Application Circuit In a buck converter circuit, this inductor is placed between the switching node and the output capacitor to smooth the current. ```spice * Typical DC-DC Buck Application * [Switching IC] ---> [M5RJ68EPJ-R] ---> [V_Out] | [Output Capacitor] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size (dimensions) for the M5RJ series?
    • ⤷ What is the maximum operating temperature for this specific inductor?
    • ⤷ Can you provide the DCR (DC Resistance) value for the 6.8uH variant?