công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ66ZPJ-R

  • AI
    The part number **M5RJ66ZPJ-R** refers to a high-precision, automotive-grade thin film chip resistor manufactured by **Susumu**. These components are part of the **HRG series**, known for their high power handling and reliability in harsh environments. --- ### 1. Key Technical Specifications Below are the typical specifications associated with this specific series and part configuration: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Susumu | | **Series** | HRG (High Power Thin Film) | | **Resistance Range** | Specific to order (e.g., 6.6 kΩ or similar depending on internal coding) | | **Tolerance** | ±0.1% to ±0.5% (High Precision) | | **Power Rating** | 1.0W (Higher than standard 1206 resistors) | | **Operating Temp** | -55°C to +155°C | | **Case Size** | 1206 (3216 Metric) | | **Certification** | AEC-Q200 Qualified (Automotive Grade) | --- ### 2. Construction and Materials The "M5" prefix usually denotes a specific high-power variation within the Susumu lineup. The construction involves: * **Thin Film Technology:** Provides much lower noise and better stability over time compared to thick film resistors. * **Inorganic Passivation:** Protects the resistive element from moisture and sulfur, preventing "sulfur-based corrosion" common in industrial environments. * **Heat Dissipation:** The HRG series is designed with a specialized structure to dissipate heat more effectively than standard resistors, allowing a 1206 package to handle 1W of power. --- ### 3. Application Areas Because of its precision and power handling, this part is commonly used in: 1. **Automotive Electronics:** Engine control units (ECUs), sensor circuits, and EV battery management systems. 2. **Industrial Equipment:** Power supplies, precision measurement tools, and robotics. 3. **Telecommunications:** Base station power modules and high-speed networking hardware. 4. **Medical:** Diagnostic equipment where signal integrity and low noise are critical. --- ### 4. Part Number Breakdown (Typical Susumu Logic) * **HRG/M5:** High-power thin film series. * **3216:** Metric dimensions (3.2mm x 1.6mm). * **Tolerance Code:** (J/P/Z) - Defines the precision level. * **-R:** Generally indicates Tape & Reel packaging for automated SMT assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the HRG series to ensure thermal management?
    • ⤷ How does thin film technology compare to thick film in terms of long-term stability?
    • ⤷ Is there a direct equivalent for this part from other manufacturers like Vishay or Panasonic?