M5RJ63UPJ-R
AI

The part number **M5RJ63UPJ-R** refers to a high-frequency, high-precision surface mount (SMD) resistor, typically manufactured by **KOA Speer** or similar specialty component manufacturers. These are often used in RF (Radio Frequency) and automotive applications where stability is critical.
---
### 1. Technical Specifications
Below are the typical technical characteristics associated with this specific series of resistors:
| Parameter | Specification |
|:---|:---|
| **Component Type** | Precision Metal Film / Thin Film Resistor |
| **Package / Case** | 0603 (Inch) / 1608 (Metric) |
| **Resistance Tolerance** | ±0.1% (High Precision) |
| **Temperature Coefficient (TCR)** | ±25 ppm/°C or better |
| **Power Rating** | 0.1W (1/10W) |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Key Features and Construction
The "RJ" series parts are designed for reliability in harsh environments.
* **Thin Film Technology:** Utilizes a thin layer of resistive material (usually Nichrome) sputtered onto a ceramic substrate. This provides much lower noise and better stability than standard thick film resistors.
* **AEC-Q200 Compliance:** Most parts in this series are automotive-grade, meaning they have passed rigorous stress testing for vibration, thermal shock, and moisture resistance.
* **Anti-Sulfuration:** These parts often feature internal coatings to prevent corrosion in sulfur-rich environments (common in industrial and automotive exhaust areas).
---
### 3. Application Areas
Because of the high precision and thermal stability, these parts are used in the following circuits:
1. **Automotive ECUs:** Engine control units and sensor interfaces where accuracy is non-negotiable.
2. **Medical Equipment:** High-precision measurement devices (e.g., heart rate monitors, imaging).
3. **Communication Base Stations:** RF signal conditioning and power management circuits.
4. **Test and Measurement:** Used in multimeters and oscilloscopes as voltage dividers.
---
### 4. Part Number Breakdown (Typical)
While internal manufacturer codes vary, the suffix and prefix usually indicate:
* **M5:** Series identifier (Metal Film / High Reliability).
* **RJ:** Resistor type/Resistive material.
* **63:** Size code (0603).
* **U/P:** Tolerance and Temperature Coefficient markers.
* **-R:** Taping and Reel packaging (7-inch reel).
---
- ⤷What is the exact resistance value of the M5RJ63UPJ-R?
- ⤷ How does thin film technology differ from thick film in terms of performance?
- ⤷ Are there equivalent alternatives from other manufacturers like Vishay or Yageo?