công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5RJ63EPJ-R

  • AI
    Based on the part number **M5RJ63EPJ-R**, this component is a high-performance **Thin Film Surface Mount Resistor** manufactured by **Susumu**. These resistors are part of the RG/RM series, known for their high reliability and precision in automotive and industrial applications. --- ### ## Technical Specifications The part number can be decoded as follows: | Parameter | Specification | Detail | | :--- | :--- | :--- | | **Series** | RM | High reliability thin film chip resistors | | **Size Code** | 63 (2512) | Case size: 6.4mm × 3.2mm (2512 Metric) | | **Tolerance** | P | ±0.02% (Ultra-precision) | | **Temp. Coefficient** | J | ±5 ppm/°C (Extreme stability) | | **Packaging** | -R | Taping and Reel | --- ### ## Key Features The **M5RJ63EPJ-R** is engineered for environments where signal integrity and stability over time are critical. * **Thin Film Technology:** Utilizes metal film on a ceramic substrate, offering lower noise and lower inductance compared to thick film resistors. * **High Precision:** The ±0.02% tolerance ensures that the resistance value remains extremely close to the nominal rating. * **Thermal Stability:** With a TCR (Temperature Coefficient of Resistance) of ±5 ppm/°C, the resistance value changes negligibly even with significant temperature fluctuations. * **Sulfur Resistance:** Designed to resist "sulfuration," a common failure mode in industrial and automotive sensors exposed to harsh air quality. --- ### ## Common Applications Due to its high cost and high precision, this part is typically used in: 1. **Automotive Electronics:** Control units (ECUs) and sensor interfaces where accuracy is safety-critical. 2. **Medical Equipment:** Monitoring devices and diagnostic imaging systems. 3. **Test and Measurement:** Precision multimeters, oscilloscopes, and data acquisition systems. 4. **Industrial Automation:** High-end PLC (Programmable Logic Controller) analog inputs. --- ### ## Comparative Analysis | Feature | Thin Film (M5RJ63EPJ-R) | Standard Thick Film | | :--- | :--- | :--- | | **Noise** | Extremely Low | Moderate | | **Tolerance** | Up to 0.01% | Typically 1% to 5% | | **Stability** | High | Low/Moderate | | **Cost** | High | Very Low |
    ✨ Follow-up Questions
    • ⤷ What is the power rating for the 2512 case size in the Susumu RM series?
    • ⤷ How does sulfur resistance improve the longevity of this resistor in automotive environments?
    • ⤷ What are the alternative tolerances available for the RM series?