M5RJ18UPJ-R
AI

The **M5RJ18UPJ-R** is a specific electronic component, typically categorized as a **Modular Jack (RJ45)** connector. These parts are fundamental in networking hardware for Ethernet connectivity.
Below is a detailed breakdown of its electronic and mechanical specifications.
### 1. Component Overview
The M5RJ18UPJ-R is a Right-Angle, Shielded, Tab-Up RJ45 connector. It is designed for Through-Hole mounting on Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Mounting Type** | Through-Hole (THT) |
| **Orientation** | Right Angle (90 Degree) |
| **Shielding** | Shielded (Metal Shell for EMI/RFI protection) |
| **Tab Direction** | Tab-Up |
| **LEDs** | Typically contains Integrated LEDs (Green/Yellow) |
---
### 2. Key Electronic Characteristics
These parts are engineered to handle high-speed data transmission while maintaining signal integrity.
* **Contact Resistance:** Usually rated at 30mΩ to 50mΩ maximum to ensure minimal power loss at the connection point.
* **Insulation Resistance:** Typically 500MΩ minimum at 500V DC to prevent leakage between adjacent pins.
* **Dielectric Withstanding Voltage:** Often rated for 1000V AC or 1500V DC for 1 minute to ensure safety against voltage spikes.
* **Current/Voltage Rating:** Generally rated for 1.5 Amps and 125V AC.
---
### 3. Physical & Material Composition
The durability and performance of the connector depend on the materials used in its construction:
* **Housing:** High-temperature Thermoplastic (UL 94V-0 rated), suitable for wave soldering processes.
* **Contacts:** Phosphor Bronze base with **Gold Plating** (often 6u", 15u", or 30u") over Nickel. Gold prevents corrosion and ensures a reliable electrical path.
* **Shield:** Copper Alloy with Nickel or Tin plating to provide a path to ground for electromagnetic interference.
---
### 4. Typical Applications
This component is commonly found in the following electronic devices:
1. **Network Switches/Routers:** Providing the physical interface for LAN cables.
2. **Industrial PCs:** Used for robust data communication in factory environments.
3. **Embedded Systems:** Found on development boards (like specialized ARM or FPGA boards) for IoT connectivity.
---
- ⤷
What is the significance of the 'Tab-Up' vs 'Tab-Down' orientation in PCB design?
- ⤷ Does the M5RJ18UPJ-R include internal magnetics (MagJack) or is it a non-magnetic connector?
- ⤷ What are the recommended footprint dimensions for soldering this part onto a PCB?