M5RJ16EQJ-R
AI

Based on the part number provided, the **M5RJ16EQJ-R** appears to be a specialized passive electronic component, typically identified as a **high-precision thin-film resistor** or a **network resistor** (depending on the specific manufacturer series, though the "RJ" prefix often denotes Resistor/Jumper characteristics).
Below is a breakdown of the component's typical characteristics and technical specifications.
---
## 1. Component Identification
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Resistor / Thin Film Chip Resistor |
| **Common Application** | Precision circuits, telecommunications, and automotive electronics. |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Lead Status** | RoHS Compliant / Lead-Free |
---
## 2. Technical Specifications (General Expectations)
While exact parameters can vary by manufacturer (such as Susumu or KOA Speer), the nomenclature generally follows this logic:
### Electrical Properties
* **Resistance Stability:** Thin-film technology provides excellent stability against environmental factors (moisture, heat).
* **Tolerance:** Typically ranges from **±0.1% to ±0.5%**, making it suitable for precision signal processing.
* **Power Rating:** Usually falls between **0.063W (1/16W)** and **0.1W**, depending on the physical package size.
* **Temperature Coefficient (TCR):** Low TCR (often < 25ppm/°C) to ensure resistance doesn't drift with temperature changes.
### Physical Characteristics
* **Package Size:** Often corresponds to standard EIA sizes like **0402 or 0603**.
* **Terminations:** Matte Tin over Nickel barrier to prevent "leaching" during soldering.
---
## 3. Part Number Breakdown (Typical)
| Code Segment | Potential Meaning |
| :--- | :--- |
| **M5** | Series designation (often related to power or size) |
| **RJ** | Resistor/Jumper type or specific material composition |
| **16** | Size code (EIA 0603 or similar metric equivalent) |
| **EQJ** | Performance characteristic/Tolerance/TCR code |
| **-R** | Packaging suffix (usually indicates **Tape & Reel**) |
---
## 4. Key Advantages
1. **Low Noise:** Thin film resistors have lower thermal noise compared to thick film types.
2. **High Reliability:** Designed to withstand high-stress environments.
3. **Precision:** Essential for voltage dividers and operational amplifier feedback loops.
---
- ⤷Who is the primary manufacturer of the M5RJ series?
- ⤷ What is the specific resistance value for the EQJ suffix?
- ⤷ Can this part be used in automotive AEC-Q200 applications?