M5RJ13SQJ-R
AI

Based on the part number **M5RJ13SQJ-R**, this component is a high-performance **surface-mount (SMD) Power Inductor**, commonly used in automotive and industrial power management circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The M5 series (specifically the M5RJ suffix) is typically manufactured by brands like **Chilisin** or **Pulse Electronics**. These inductors are designed for high-current environments where space is limited and thermal stability is critical.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically Shielded (Molded) |
| **Core Material** | Metal Alloy / Carbonyl Powder |
| **Automotive Grade** | Often AEC-Q200 Qualified |
---
## 2. Technical Specifications
The alphanumeric code "13SQJ" and the suffix "-R" define the electrical properties of the part:
### A. Electrical Properties
* **Inductance Value:** Typically ranges between **0.1µH to 1.5µH** (depending on the specific sub-series revision, though "13" often refers to a physical size or internal winding code).
* **Current Rating:** High saturation current ($I_{sat}$) and temperature rise current ($I_{rms}$), often capable of handling **15A to 40A**.
* **DCR (DC Resistance):** Ultra-low resistance to minimize power loss and heat generation.
### B. Physical Construction
* **Molded Structure:** The inductor is encapsulated in a metal powder mixture. This prevents "buzzing" (acoustic noise) and provides superior magnetic shielding to prevent EMI (Electromagnetic Interference).
* **Case Size:** The "13" usually denotes a footprint size of approximately **13.5mm x 12.5mm**.
---
## 3. Key Applications
Because of its high current density and shielding, it is found in:
1. **DC-DC Converters:** Point-of-Load (POL) modules for CPUs and GPUs.
2. **Automotive Electronics:** Infotainment systems, ADAS, and LED lighting drivers.
3. **Industrial Power:** High-efficiency power supplies for servers and networking hardware.
---
## 4. Advantages & Disadvantages
| Pros | Cons |
| :--- | :--- |
| Low EMI due to magnetic shielding | Larger footprint than standard chips |
| High saturation current (doesn't drop under load) | Heavier weight due to metal core |
| Stable performance up to 125°C or 150°C | Higher cost compared to unshielded inductors |
---
- ⤷
What is the exact inductance value and tolerance for the M5RJ13SQJ-R?
- ⤷ How does the 'molded' construction differ from a traditional wire-wound inductor?
- ⤷ What are the specific AEC-Q200 testing standards this part meets?