M5RJ13RQJ-R
AI

The **M5RJ13RQJ-R** is a specific electronic component identifier typically associated with high-performance **Magnetic RJ45 Connectors** (also known as "MagJacks"). These components integrate standard RJ45 networking hardware with internal magnetic isolation circuitry.
---
### 1. Component Overview
The M5RJ13RQJ-R is a single-port, Tab-Up, Shielded connector designed for Ethernet applications. It combines the mechanical interface of an Ethernet jack with the signal conditioning required to interface with a Physical Layer (PHY) chip.
### 2. Key Specifications
| Feature | Description |
| :--- | :--- |
| **Interface** | RJ45 (8P8C) |
| **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle / Tab-Up |
| **Shielding** | Metal EMI Shield with Grounding Tabs |
| **Isolation** | Minimum 1500Vrms |
| **Internal Magnetics** | Includes Isolation Transformers and Common Mode Chokes |
---
### 3. Internal Electronic Parts
The "M" in the prefix usually denotes the presence of internal **Magnetics**. These internal parts perform several critical functions:
#### A. Isolation Transformers
* **Purpose:** Provides galvanic isolation between the network cable and the local device.
* **Benefit:** Protects the internal circuitry from high-voltage surges and prevents ground loops.
#### B. Common Mode Chokes (CMC)
* **Purpose:** Filters out high-frequency electromagnetic interference (EMI).
* **Benefit:** Ensures compliance with FCC/CE emissions standards and improves signal integrity.
#### C. Termination Resistors (Bob Smith Termination)
* **Purpose:** Implements 75-ohm terminations to the center taps of the transformers.
* **Benefit:** Dissipates common-mode noise and matches the characteristic impedance of the twisted-pair cable.
#### D. Integrated LEDs (Variant Dependent)
* **Purpose:** Visual indicators for Link status and Activity.
* **Part Note:** Usually includes a Left Green and Right Yellow/Green LED configuration.
---
### 4. Typical Pinout Structure
While specific internal wiring varies by manufacturer, the general electronic layout follows this logic:
```c
[ Cable Side ] <--> [ Transformers ] <--> [ PHY Chip Side ]
Pin 1 (TX+) -------- ( T1 ) -------- Pin 1 (TD+)
Pin 2 (TX-) -------- ( T1 ) -------- Pin 2 (TD-)
... etc
```
---
### 5. Application Areas
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PC:** Embedded motherboards and IoT gateways.
* **Consumer Electronics:** Smart TVs, game consoles, and set-top boxes.
- ⤷
What is the pinout difference between Tab-Up and Tab-Down RJ45 connectors?
- ⤷ How does the 'Bob Smith' termination reduce EMI in this component?
- ⤷ What are the specific soldering requirements for the M5RJ13RQJ-R?