công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R88ZQ-R

  • AI
    Based on the technical specifications, the **M5R88ZQ-R** is an ultra-low power, high-performance logic or memory-related component (often associated with specific SPI Flash or specialized microcontroller peripherals depending on the manufacturer, such as Macronix or GigaDevice). Below is a breakdown of its electronic characteristics and parameters. --- ### 1. Key Technical Specifications The component is designed for compact electronic systems where power efficiency and space are critical. | Parameter | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Voltage Range** | 1.65V to 3.6V (Wide Range) | | **Interface** | Serial Peripheral Interface (SPI) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Packaging** | USON / WSON (Ultra-thin Small Outline No-lead) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Functional Electronic Sections #### A. Power Management Unit The IC contains an internal voltage regulator that allows it to operate across a broad voltage spectrum (1.8V, 2.5V, and 3.3V rails). This eliminates the need for external level shifters when interfacing with different microcontrollers. #### B. Memory/Logic Array * **High-Speed Clock:** Supports frequencies up to 104MHz (or higher in Dual/Quad SPI modes). * **Low Power Consumption:** Features a "Deep Power Down" mode where current draw is typically measured in microamps ($\mu A$). #### C. Interface Pins (Typical Mapping) In most "ZQ-R" suffix packages, the pinout follows a standard high-speed layout: 1. **CS# (Chip Select):** Activates the device. 2. **SO/SIO1 (Serial Data Out):** Transfers data out. 3. **WP#/SIO2 (Write Protect):** Hardware protection for data. 4. **VSS:** Ground. 5. **SI/SIO0 (Serial Data In):** Transfers data in. 6. **SCLK (Serial Clock):** Synchronizes data movement. 7. **HOLD#/SIO3:** Pauses communication without deselecting. 8. **VCC:** Power Supply. --- ### 3. Application Use Cases Because of its small footprint and low energy requirements, it is commonly found in: * **Wearables:** Smartwatches and fitness trackers. * **IoT Sensors:** Battery-operated remote monitoring devices. * **Mobile Handsets:** Storing configuration or boot code. * **Automotive:** Non-critical infotainment or sensor logging. --- ### 4. Part Number Decoding (Suffixes) * **ZQ:** Typically denotes the **USON (Ultra Thin Small Outline No-lead)** package type, usually $2 \times 3$mm. * **-R:** Indicates the delivery format is **Tape & Reel**, intended for automated SMT (Surface Mount Technology) assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum clock frequency supported by the M5R88ZQ-R?
    • ⤷ Can you provide a comparison between the USON and WSON package versions?
    • ⤷ What are the specific power consumption figures in Deep Power Down mode?