công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R86RLJ-R

  • AI
    The **M5R86RLJ-R** belongs to a specific category of electronic components, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, specifically in DC-DC converters. --- ### 1. Technical Specifications Below is a breakdown of the typical technical attributes for this specific part series: | Attribute | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 0.86 µH (indicated by 'R86') | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite Metal / Carbonyl Powder | | **Shielding** | Magnetically Shielded | | **Package Size** | High-current molded type (varies by manufacturer) | --- ### 2. Key Features * **High Saturation Current:** Designed to handle high peaks of current without the magnetic core "saturating," which would otherwise cause a loss of inductance. * **Low DCR (DC Resistance):** Uses flat wire or heavy gauge copper to minimize energy loss as heat. * **Shielded Construction:** The magnetic flux is contained within the body, reducing Electromagnetic Interference (EMI) with nearby components on the PCB. * **Stability:** High stability across a wide temperature range, making it suitable for automotive or industrial applications. --- ### 3. Part Number Decoding While naming conventions vary slightly by manufacturer (such as Cyntec, Chilisin, or Vishay), the code generally breaks down as follows: 1. **M5:** Often refers to the series or the physical dimensions (e.g., a specific footprint like 5mm x 5mm). 2. **R86:** The Inductance value. "R" acts as a decimal point. **R86 = 0.86 microhenries (µH)**. 3. **L/J/R:** These suffixes usually denote tolerance (e.g., ±20%), packaging type (Tape & Reel), or specific material compositions (RoHS compliant). --- ### 4. Common Applications These inductors are found in high-efficiency power supplies where space is limited: * **Voltage Regulator Modules (VRMs):** Used in motherboards and GPU power phases. * **Portable Electronics:** Smartphones, tablets, and laptops. * **Automotive:** Infotainment systems and Advanced Driver Assistance Systems (ADAS). * **DC-DC Converters:** Point-of-Load (POL) converters. --- ### 5. Equivalent Replacement Guide If sourcing this exact part is difficult, look for these parameters in a replacement: ```json { "Inductance": "0.86 uH", "Tolerance": "±20%", "DCR_Max": "Check datasheet (typically < 5 mOhms)", "Isat": "Saturation Current (ensure it meets or exceeds original)", "Footprint": "Match length x width x height (mm)" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M5R86 series?
    • ⤷ How does the 0.86uH inductance value affect the ripple current in a buck converter?
    • ⤷ Which manufacturers produce equivalents for the M5R86RLJ-R?