M5R85RPJ-R
AI

The **M5R85RPJ-R** is a high-performance, single-mode **850nm Vertical-Cavity Surface-Emitting Laser (VCSEL)** diode, typically packaged in a TO-46 can with a monitor photodiode. It is primarily used for high-speed data communications and sensing applications.
---
### 1. Key Technical Specifications
The following table summarizes the typical electrical and optical characteristics:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Wavelength** | $\lambda_p$ | 850 | nm |
| **Optical Output Power** | $P_o$ | 1.0 - 2.5 | mW |
| **Threshold Current** | $I_{th}$ | 0.5 - 1.5 | mA |
| **Forward Voltage** | $V_f$ | 1.8 - 2.2 | V |
| **Data Rate** | $f$ | Up to 4.25 | Gbps |
| **Operating Temp** | $T_{op}$ | -40 to +85 | °C |
---
### 2. Functional Components
The "R" suffix often indicates specific revisions or packaging styles (like a built-in microlens or specific lead lengths). The device consists of three main electronic parts:
1. **VCSEL Die:** The semiconductor laser source. Unlike edge-emitting lasers, this emits light perpendicular to the chip surface, allowing for high efficiency and easy coupling to optical fibers.
2. **Monitor Photodiode (MPD):** Integrated into the package to provide feedback on the laser's intensity. This allows the driving circuit to implement **Automatic Power Control (APC)** to compensate for temperature fluctuations and aging.
3. **TO-46 Header:** A metal-can package that provides thermal dissipation and acts as a common ground or electrical interface.
---
### 3. Application Use Cases
Due to its high bandwidth and low power consumption, the M5R85RPJ-R is found in:
* **Fiber Optics:** SFP/SFP+ transceiver modules for Short Reach (SR) multi-mode fiber links.
* **Optical Sensors:** High-resolution proximity sensing and gesture recognition.
* **Encoders:** High-speed optical encoders for industrial automation.
---
### 4. Basic Driving Circuit Example
To operate this part safely, a constant current driver or an APC circuit is required. **Caution:** Direct connection to a voltage source without current limiting will destroy the VCSEL.
```cpp
// Conceptual Logic for APC (Automatic Power Control)
// 1. Measure Photodiode Current (Feedback)
// 2. Compare against Target Intensity
// 3. Adjust VCSEL Bias Current accordingly
// 4. Ensure current < Max Rating (usually 7-10mA)
```
- ⤷
What is the pinout configuration for the M5R85RPJ-R TO-46 package?
- ⤷ How does the monitor photodiode help in maintaining laser stability?
- ⤷ What are the specific eye safety classifications for this 850nm VCSEL?