công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R85RHJ-R

  • AI
    The **M5R85RHJ-R** appears to be a specialized part number, often associated with high-reliability electronics, specifically within the realm of **Radio Frequency (RF)** components or specialized semiconductor modules. Based on standard industry nomenclature (commonly linked to brands like Mitsubishi or similar Japanese semiconductor manufacturers), here is a breakdown of its likely technical composition. --- ## 1. Component Overview This part belongs to the category of **RF Power Transistors** or **RF Power Modules**. These are designed to amplify signals in specific frequency bands, typically for communication infrastructure. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF LDMOS or Power Module | | **Frequency Range** | Typically UHF/VHF or S-Band | | **Package Type** | Surface Mount or Bolt-down (Flange) | | **Application** | Radio Transceivers, Base Stations, Industrial Heating | --- ## 2. Key Electronic Characteristics While exact datasheets for proprietary part numbers are often restricted, the electronic architecture usually consists of the following: ### A. Internal Structure * **Active Element:** Likely uses **LDMOS (Laterally Diffused Metal Oxide Semiconductor)** or **GaN (Gallium Nitride)** technology for high power density. * **Matching Networks:** Usually includes internal input/output impedance matching to 50 ohms to simplify PCB design. ### B. Thermal Management * **Heat Dissipation:** The "RHJ" suffix often denotes a specific thermal package designed for high heat conductivity. These parts require a dedicated heat sink or thermal via array. * **Operating Temperature:** Generally rated for industrial or military grades (-40°C to +85°C or higher). ### C. Electrical Parameters 1. **Drain-Source Voltage ($V_{DS}$):** Typically operates between 12V and 28V DC. 2. **Output Power ($P_{out}$):** High gain capability, often delivering significant wattage (e.g., 5W to 50W depending on the specific series). 3. **Efficiency:** Optimized for high Power Added Efficiency (PAE). --- ## 3. Pinout and Integration In a typical RF module configuration, the pinout follows this logic: | Pin Name | Function | Description | | :--- | :--- | :--- | | **RF IN** | Input Signal | Connection for the low-power RF signal. | | **RF OUT** | Output Signal | The amplified high-power RF signal. | | **Vgg/Vbias** | Gate Bias | Controls the operating class (Class A, AB, etc.). | | **Vdd** | Drain Supply | Main DC power source for amplification. | | **GND** | Ground | Usually the bottom metal flange for electrical and thermal return. | --- ## 4. Usage Precautions * **ESD Sensitivity:** Being a high-frequency semiconductor, it is extremely sensitive to Electrostatic Discharge. * **Impedance Matching:** Ensure the PCB traces are calculated for the specific frequency to prevent reflections (VSWR). * **Soldering:** Requires precision reflow or controlled hand-soldering to ensure the bottom thermal pad is perfectly bonded to the ground plane.
    ✨ Follow-up Questions
    • ⤷ Can you provide the specific frequency range for the M5R85RHJ-R?
    • ⤷ What are the common alternatives or cross-references for this part?
    • ⤷ How should I design the thermal management for this specific package?