M5R84XPJ-R
AI

The **M5R84XPJ-R** is a specific electronic component identifier typically associated with high-performance memory modules or specialized semiconductor integrated circuits. Based on industry nomenclature, this part is frequently identified as a **DDR4 SDRAM** component or module used in enterprise-level computing.
---
### 1. Technical Specifications
The following table outlines the primary technical characteristics associated with this part class:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SDRAM (Synchronous Dynamic RAM) |
| **Generation** | DDR4 |
| **Density** | Typically 8Gb or 16Gb (Configuration dependent) |
| **Voltage** | 1.2V (Standard DDR4 Low Voltage) |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Temperature Range** | Commercial (0°C to 95°C) or Industrial |
---
### 2. Key Internal Electronic Parts
The architecture of a part like the M5R84XPJ-R consists of several critical sub-systems:
* **Memory Array:** The core storage area consisting of millions of capacitor-transistor pairs (cells) organized into banks, rows, and columns.
* **Control Logic:** Decodes commands (ACTIVATE, READ, WRITE, PRECHARGE) sent from the CPU or Memory Controller.
* **I/O Gating:** Manages the flow of data bits between the internal memory banks and the external pins.
* **Refresh Circuitry:** Electronic logic that periodically recharges the capacitors to prevent data loss (volatile memory characteristic).
* **DLL (Delay-Locked Loop):** Ensures that the data output is perfectly synchronized with the system clock for high-speed transfers.
---
### 3. Application and Usage
Electronic parts of this nature are primarily found in:
1. **Server Modules (RDIMMs):** Providing high-capacity error-correcting memory for data centers.
2. **Embedded Systems:** High-end industrial PCs requiring robust memory performance.
3. **Networking Hardware:** High-speed buffers for routers and switches.
### 4. Part Number Breakdown (General Convention)
While prefixes vary by manufacturer, the suffix **"-R"** often denotes specific packaging standards (such as **RoHS compliant** or **Tape & Reel** packaging for automated assembly). The **"XPJ"** segment typically refers to the speed bin (e.g., 3200MT/s) and CAS latency timings.
- ⤷
What is the exact data rate/speed of the M5R84XPJ-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Is this component compatible with consumer-grade motherboards?