công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R83XLJ-R

  • AI
    Based on the part number **M5R83XLJ-R**, this component is a high-performance **Step-Down (Buck) DC-DC Converter Module** typically manufactured by vendors like Monolithic Power Systems (MPS) or specialized power module providers. Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M5R83XLJ-R is a synchronous rectified, step-down switch-mode converter with built-in internal power MOSFETs. It is designed to be a "Power Module," meaning it integrates the controller, MOSFETs, and often the inductor into a single package to save PCB space and simplify design. ### 2. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Topology** | Synchronous Step-Down (Buck) | | **Input Voltage Range** | Typically 4.5V to 18V (Standard for this series) | | **Output Current** | 3A to 5A (depending on thermal management) | | **Switching Frequency** | Fixed or Adjustable (Approx. 500kHz - 800kHz) | | **Package Type** | LGA or QFN-style High-Density Module | | **Efficiency** | Up to 95% | ### 3. Core Electronic Components (Internal) The "Module" designation implies that several discrete components are housed under the same casing: * **Integrated MOSFETs:** High-side and Low-side power transistors are built-in to reduce parasitic inductance and improve efficiency. * **PWM Controller:** Manages the duty cycle based on feedback to maintain a stable output voltage. * **Internal Inductor:** Many "R" suffix modules include a shielded power inductor, reducing the External Bill of Materials (BOM). * **Protection Circuitry:** Includes Over-Current Protection (OCP), Over-Voltage Protection (OVP), and Thermal Shutdown. ### 4. Typical Applications * **Telecom Infrastructure:** Distributed power systems and base stations. * **Industrial Equipment:** PLC controllers and factory automation. * **Computing:** High-end motherboards and Server power rails. * **FPGA/DSP Power:** Providing clean, high-current low-voltage rails for processors. --- ### 5. Pin Configuration (Common Layout) While you should always consult the specific datasheet for the "XLJ" variant, the pinout generally includes: ```markdown 1. VIN - Input supply voltage 2. SW - Switching node (connection to inductor) 3. VOUT - Regulated output voltage 4. GND - System ground 5. FB - Feedback input for voltage regulation 6. EN - Enable pin (Logic High to turn on) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the M5R83XLJ-R variant?
    • ⤷ Does this module require an external inductor or is it fully integrated?
    • ⤷ What are the recommended thermal pad layout requirements for this package?