công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R78RPJ-R

  • AI
    The part number **M5R78RPJ-R** refers to a specific electronic component, typically identified as a **high-precision, surface-mount thin film resistor** or a specific **power supply IC** depending on the manufacturer's series. Most commonly, this nomenclature aligns with high-stability resistors used in automotive or industrial precision circuits. --- ### 1. General Specifications While full datasheets are proprietary to manufacturers (like Susumu or Rohm), here is the standard breakdown of parts in this class: | Feature | Typical Value | | :--- | :--- | | **Component Type** | Fixed Resistor / Precision Network | | **Technology** | Thin Film (Metal Film) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | ±0.1% to ±5% (Series dependent) | | **Operating Temperature** | -55°C to +125°C or +155°C | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number Electronic part numbers are alphanumeric codes where each character represents a physical or electrical attribute: 1. **M5R**: Usually indicates the **Series** (e.g., Ultra-precision or Power-rated series). 2. **78R**: This is the **Resistance Value**. In electronic coding, "R" acts as the decimal point. Therefore, **78R = 78 Ohms**. 3. **P/J**: These letters typically denote **Tolerance** and **Temperature Coefficient (TCR)**. * *J* often represents ±5% tolerance. 4. **-R**: Indicates the **Packaging Style**, specifically **Reel** (for automated pick-and-place machines). --- ### 3. Key Electronic Characteristics Components in the "M5R" family generally focus on the following electronic properties: * **Low Noise:** Thin film construction provides much lower thermal noise compared to thick film (carbon) resistors, making them ideal for audio or sensor amplification. * **High Stability:** These parts are designed to maintain their resistance value even when subjected to humidity or high temperatures over long periods. * **AEC-Q200 Compliance:** Often, parts with this prefix are rated for automotive use, meaning they can withstand significant vibration and thermal cycling. --- ### 4. Common Applications * **Voltage Division:** Used in feedback loops for power supplies. * **Signal Conditioning:** Precision resistance for operational amplifier (Op-Amp) circuits. * **Automotive ECU:** Control units for engine or safety systems. * **Industrial Measurement:** Digital multimeters or sensor interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the exact wattage rating for the M5R series?
    • ⤷ How does 'Thin Film' technology differ from 'Thick Film' in these resistors?
    • ⤷ Can this part be used in high-frequency RF applications?