M5R78RLJ-R
AI

The part number **M5R78RLJ-R** refers to a high-performance **Crystal Oscillator** (specifically a differential output oscillator) manufactured by **MtronPTI**. These components are critical for providing precise timing signals in high-speed networking and telecommunications equipment.
---
### 1. Technical Specifications
Below are the primary technical characteristics typically associated with the M5R series:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Supply Voltage** | 3.3V (Typical) |
| **Package Size** | 5.0 x 7.0 mm (SMD) |
| **Frequency Stability** | ±20ppm to ±100ppm (depending on sub-variant) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Phase Jitter** | Sub-picosecond (High precision) |
---
### 2. Breakdown of the Part Number
While full datasheets are required for exact verification, the MtronPTI coding system generally breaks down as follows:
* **M5R**: Series identifier (5.0x7.0mm, 3.3V LVPECL).
* **78**: Frequency Stability/Temperature code (often denotes ±25ppm or ±50ppm over a specific range).
* **R**: RoHS Compliance (Lead-free).
* **L**: Enable/Disable Function (Tri-state).
* **J**: Symmetry/Duty Cycle requirements.
* **-R**: Tape and Reel packaging.
---
### 3. Key Electronic Functions
1. **Differential Signaling (LVPECL):** This part uses two complementary signals to transmit the clock pulse. This is highly effective at rejecting common-mode noise and is used in environments where EMI (Electromagnetic Interference) is high.
2. **Low Phase Jitter:** The "R" series is designed for "Radio" or high-speed data applications where timing errors (jitter) must be minimized to prevent data corruption.
3. **Tri-state Functionality:** Allows the output to be placed in a high-impedance state, effectively "turning off" the clock without powering down the entire system, which is useful for testing or power saving.
### 4. Common Applications
* **Networking:** 10GbE, 40GbE, and 100GbE Ethernet switches.
* **Telecommunications:** SONET/SDH and fiber optic modules.
* **Storage:** Fiber Channel and SAN (Storage Area Network) equipment.
* **FPGA Clocking:** Providing the master reference clock for high-end Xilinx or Altera FPGAs.
---
### 5. Footprint (Example)
The device is a 6-pad SMD package. The pinout is generally standardized:
```text
Pin 1: Enable/Disable (Control)
Pin 2: No Connect
Pin 3: Case Ground (GND)
Pin 4: Output (Q)
Pin 5: Complementary Output (/Q)
Pin 6: Supply Voltage (Vcc)
```
- ⤷What is the exact frequency of the M5R78RLJ-R variant?
- ⤷ How does LVPECL output compare to LVDS in power consumption?
- ⤷ What are the soldering reflow requirements for this 5x7mm package?