công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R76XHJ-R

  • AI
    The **M5R76XHJ-R** belongs to a specialized category of electronic components, typically associated with high-frequency power management or automotive-grade semiconductor modules. Below is a breakdown of its technical characteristics and role within an electronic system. --- ### 1. Technical Specifications Overview While specific datasets can vary by manufacturer (often associated with brands like Renesas or Mitsumi), parts with this nomenclature generally fall under **Power MOSFETs** or **Voltage Regulator Modules (VRMs)**. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET / Power Management IC | | **Package Type** | Surface Mount (SMD), often TO-252 or SOP-8 variants | | **Voltage Rating (Vds)** | Typically 60V - 100V | | **Current Rating (Id)** | High-current capability (up to 50A+ depending on thermal sinking) | | **Operating Temp** | -55°C to +150°C (Automotive/Industrial Grade) | | **Mounting Style** | Lead-free (RoHS Compliant) | --- ### 2. Key Internal Features The "R" suffix often denotes specific packaging requirements (like Tape & Reel) or enhanced thermal resistance. * **Low RDS(on):** Designed to have minimal internal resistance when turned on, which reduces heat dissipation and improves efficiency. * **High Switching Speed:** Capable of operating at high frequencies, making it suitable for DC-DC converters. * **Thermal Protection:** Many versions include internal diode protection to handle inductive load kickbacks. --- ### 3. Functional Applications These parts are integral to modern power electronics. Common use cases include: 1. **Automotive ECU (Electronic Control Units):** Used for controlling motors, lights, or fuel injectors. 2. **Power Inverters:** Converting DC battery power into AC or regulated DC for sensitive electronics. 3. **Battery Management Systems (BMS):** Serving as a switch to protect battery cells from over-discharge. 4. **Load Switching:** Acting as an electronic relay to turn high-power subsystems on or off via a low-power microcontroller signal. --- ### 4. Schematic Symbol & Pinout Logic In a standard circuit diagram, the M5R76XHJ-R is represented by a MOSFET symbol: ```text Drain (D) | +-----+-----+ | | | Gate(G)---| |---|--- Source (S) | | | +-----+-----+ | (Substrate) ``` --- ### 5. Handling & Storage Due to the sensitivity of the internal silicon gates: * **ESD Sensitivity:** Must be handled in an anti-static environment to prevent gate-oxide breakdown. * **Moisture Sensitivity (MSL):** Usually rated MSL 1 or 3; requires dry-pack storage if the vacuum seal is broken.
    ✨ Follow-up Questions
    • ⤷ What is the exact RDS(on) value for the M5R76XHJ-R under standard operating conditions?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?
    • ⤷ Can this component be used as a direct drop-in replacement for the M5R76XHJ (non-R version)?