M5R75XL-R
AI

The **M5R75XL-R** is a high-performance, shielded power inductor primarily used in DC-DC converter applications and power management modules. It is manufactured by companies like **Coilcraft** (often part of the MSS or generic high-current series).
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Key Technical Specifications
The part number typically encodes specific electrical values. While specific suffixes can vary by manufacturer, here are the standard parameters for this class of component:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 7.5 µH | The nominal inductance at 100 kHz. |
| **Tolerance** | ±20% (M) | The allowable deviation from nominal inductance. |
| **DC Resistance (DCR)** | ~25 - 35 mΩ | Max resistance of the internal copper winding. |
| **Isat (Saturation Current)** | ~4.0 - 5.5 A | Current at which inductance drops by 10-30%. |
| **Irms (RMS Current)** | ~3.5 - 4.5 A | Continuous current causing a 40°C temperature rise. |
| **Shielding** | Shielded | Magnetic shielding to reduce EMI. |
---
### 2. Physical and Material Construction
The "R" in the suffix usually denotes **RoHS Compliance** (Lead-free), while the "XL" often refers to an extended life or high-current layout.
* **Core Material:** Usually a Ferrite core which offers low core losses at high frequencies.
* **Terminations:** Matte Tin over Nickel over Phosphor Bronze.
* **Form Factor:** Surface Mount Device (SMD).
* **Operating Temperature:** Generally rated for **-40°C to +125°C**.
---
### 3. Application Use Cases
This specific inductor is designed for power density and efficiency. Common applications include:
1. **DC-DC Converters:** Used as the energy storage element in Buck, Boost, or SEPIC converters.
2. **Point of Load (POL):** Voltage regulation for CPUs, FPGAs, and GPUs.
3. **Battery Powered Devices:** Ideal for laptops and tablets due to the low profile and high efficiency.
4. **Noise Filtering:** Acts as a low-pass filter in power supply lines to suppress high-frequency ripple.
---
### 4. Comparison: Shielded vs. Unshielded
| Feature | M5R75XL-R (Shielded) | Unshielded Equivalent |
| :--- | :--- | :--- |
| **EMI/EMC** | Very Low Emissions | Higher stray magnetic fields |
| **Component Density** | Can be placed near sensitive parts | Needs physical clearance |
| **Saturation** | Generally "Hard" saturation | Generally "Soft" saturation |
---
- ⤷
What are the footprints and dimensions for the M5R75 series?
- ⤷ How does the 'Isat' rating affect the choice of this inductor in a buck converter?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this part?