M5R74XL-R
AI

Based on available technical specifications, the **M5R74XL-R** is a specific electronic component typically identified as a **Resettable Fuse (PTC - Positive Temperature Coefficient)**. These devices are used for overcurrent protection in various electronic circuits.
---
### 1. General Specifications
The table below highlights the typical technical characteristics of this component series:
| Property | Description |
| :--- | :--- |
| **Component Type** | Resettable Fuse / Polymer PTC |
| **Mounting Type** | Radial Leaded (Through-hole) |
| **Material** | Polymeric Material |
| **Function** | Overcurrent and Short-Circuit Protection |
| **Reset Capability** | Automatically resets after the fault is cleared and power is removed |
---
### 2. Key Technical Parameters
To understand how the M5R74XL-R functions within a circuit, you must look at these standard ratings:
* **Hold Current ($I_{hold}$):** The maximum current the device can carry without tripping.
* **Trip Current ($I_{trip}$):** The minimum current at which the device will switch to a high-resistance state to protect the circuit.
* **Max Voltage ($V_{max}$):** The maximum voltage the device can withstand without damage when tripped.
* **Max Current ($I_{max}$):** The maximum fault current the device can safely interrupt.
---
### 3. How it Works (The PTC Effect)
The device operates on the principle of thermal expansion:
1. **Normal State:** Under normal current levels, the conductive particles inside the polymer form a low-resistance path.
2. **Fault State:** If an overcurrent occurs, the internal temperature rises. The polymer expands, breaking the conductive chains.
3. **Protection:** The resistance increases dramatically, reducing the current to a safe leakage level.
4. **Recovery:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse "resets."
---
### 4. Typical Applications
Components like the M5R74XL-R are frequently found in:
* **Power Supplies:** Protecting against output shorts.
* **USB Ports:** Preventing damage from faulty peripherals.
* **Motor Control:** Protecting against stalled motor conditions.
* **Consumer Electronics:** General board-level protection.
---
### 5. Identification Code Breakdown
If you are looking at the marking on the physical part:
* **M5:** Often represents the series or manufacturer code.
* **R:** Usually denotes "Radial" leaded style.
* **74:** Typically refers to the Hold Current rating (e.g., 0.74A or 7.4A depending on the specific manufacturer's scaling).
* **-R:** Often indicates RoHS compliance (Lead-free).
- ⤷What is the specific Hold Current rating for the 74XL-R variant?
- ⤷ How does a resettable PTC fuse differ from a standard thermal fuse?
- ⤷ What are the common failure modes of a PTC resettable fuse?