công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R73TP-R

  • AI
    Based on the part number provided, the **M5R73TP-R** is an **RFID (Radio Frequency Identification) Transponder/Tag** specifically designed for industrial applications. It is frequently associated with automated identification systems used in manufacturing and logistics. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications The M5R73TP-R is a passive RFID component, meaning it does not have its own power source (battery) and relies on the energy harvested from the reader's magnetic field. | Feature | Specification | | :--- | :--- | | **Technology** | RFID (Radio Frequency Identification) | | **Operating Frequency** | 13.56 MHz (High Frequency - HF) | | **Protocol Support** | ISO/IEC 15693 | | **Memory Type** | EEPROM | | **Communication Mode** | Half-duplex (HDX) / Proximity | | **Physical Form** | Usually a disk-shaped or rectangular tag | --- ### 2. Core Electronic Components The internal architecture of the tag consists of two primary parts integrated into a single package: * **Integrated Circuit (IC):** Contains the logic controller, memory (EEPROM), and the RF interface. It manages data encryption, storage, and communication protocols. * **Antenna Coil:** A copper or etched aluminum coil that acts as an inductor. It serves two purposes: 1. **Inductive Coupling:** To draw power from the reader. 2. **Data Transmission:** To send back the stored data via load modulation. --- ### 3. Memory & Data Retention These tags are designed for high reliability in industrial environments where data integrity is critical. * **Memory Structure:** Typically divided into blocks (e.g., 2k bits or more depending on specific variant). * **Data Retention:** Often rated for **10 years** or more without power. * **Write Endurance:** Generally supports up to **100,000 write cycles**. --- ### 4. Application Context The "TP" in the suffix often refers to its **Thermoplastic** or **Temperature-Proof** housing, making it suitable for specific industrial processes. #### Common Use Cases: 1. **Work-in-Process (WIP) Tracking:** Attached to pallets or products in an assembly line. 2. **Tool Identification:** Used in CNC machines to identify specific drill bits or cutters. 3. **Access Control:** High-security identification for personnel or vehicles. --- ### 5. Interaction with Readers To communicate with the M5R73TP-R, the reader must support the **ISO 15693** standard. The typical read/write sequence is as follows: ```c // Conceptual Logic for RFID Interaction 1. Reader generates a 13.56 MHz magnetic field. 2. M5R73TP-R enters the field; antenna induces voltage. 3. Tag IC powers up and listens for the "Inventory" command. 4. Tag responds with its Unique Identifier (UID). 5. Reader sends a "Read Block" or "Write Block" command. 6. Tag performs the memory operation and sends a confirmation. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum read range for the M5R73TP-R in an industrial setting?
    • ⤷ Does this tag support data encryption or password protection?
    • ⤷ How does the metal environment affect the performance of this specific RFID tag?