M5R73RLJ-R
AI

Based on the technical designation, the **M5R73RLJ-R** refers to a specific type of **Tactile Switch** or **Micro Switch** component, commonly manufactured by companies like ALPS Alpine or similar electronic component providers. These are used to provide a physical "click" interface in consumer electronics.
---
### 1. Key Technical Specifications
The following table outlines the typical characteristics found in the M5R series of tactile switches:
| Feature | Specification |
| :--- | :--- |
| **Type** | Momentary Action (Push-to-make) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuation Force** | Typically 1.6N to 2.5N (Medium force) |
| **Travel distance** | 0.2mm to 0.3mm |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Contact Material** | Silver-plated (for low resistance) |
### 2. Physical Design and Dimensions
The "R" in the suffix usually denotes the **packaging method** (Tape and Reel), while the middle characters define the physical height and stem type.
* **Miniature Footprint:** Designed to save space on a Printed Circuit Board (PCB).
* **Low Profile:** Often used in slim devices like smartphones or remote controls.
* **Tactile Feedback:** Engineered with a metal dome that provides a sharp, audible "click" to confirm user input.
### 3. Circuit Representation
In a schematic, this part is represented as a simple open switch that closes when the plunger is depressed.
```markdown
(Switch Open)
1 o-------/ -------o 2
|
| (Pressing closes circuit)
V
3 o-----------------o 4
```
### 4. Typical Applications
These components are ubiquitous in modern electronics due to their reliability and small size:
1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets.
2. **Home Appliances:** Control panels for washing machines or microwaves.
3. **Automotive:** Steering wheel controls and dashboard interface buttons.
4. **Computing:** Reset buttons on motherboards or peripheral mice buttons.
---
- ⤷What is the exact footprint size for the M5R73RLJ-R on a PCB?
- ⤷ Is this switch rated for waterproof or dustproof environments?
- ⤷ What are the soldering temperature requirements for this SMD part?