công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R66XL-R

  • AI
    The **M5R66XL-R** is a high-performance, surface-mount power inductor typically used in DC-DC converter circuits, power supplies, and voltage regulator modules (VRMs). It belongs to a class of "molded" inductors known for their durability and efficiency in compact electronic designs. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like Coilcraft or generic high-current power inductor series). | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 0.66 µH (indicated by "R66") | | **Tolerance** | ±20% (Standard for this series) | | **Current Rating (Isat)** | ~20A - 35A (Saturation current depends on heat rise) | | **DC Resistance (DCR)** | Very Low (typically < 2.0 mΩ) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 5mm x 5mm (Indicated by "M5") | --- ### 2. Physical Construction The "XL" series usually refers to a **Composite Molded Structure**. Unlike traditional wire-wound inductors with an exposed core, these parts feature: * **Metal Alloy Powder:** The coil is embedded in a metallic powder core, which provides superior magnetic saturation characteristics. * **Shielded Design:** The molded body naturally acts as a magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components. * **Lead-Free/RoHS:** The "-R" suffix typically denotes compliance with RoHS (Restriction of Hazardous Substances) standards. --- ### 3. Functional Role in Electronics The M5R66XL-R is primarily used for **Energy Storage** and **Filtering**. #### A. Buck Converters (Step-Down) It sits between the switching transistors (MOSFETs) and the output load. It smooths out the high-frequency switching pulses into a steady DC voltage. #### B. Noise Suppression Due to its low DCR and high saturation current, it is excellent for filtering high-frequency noise in power lines for CPUs, GPUs, and FPGAs. --- ### 4. Implementation Example (Schematic Context) In a typical power circuit, the inductor is placed as follows: ```mermaid [Input Voltage] --> [Switching Controller] --> [M5R66XL-R Inductor] --> [Output Capacitor] --> [Load] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Saturation Current' in this specific inductor?
    • ⤷ Can this inductor be replaced with a 1.0uH version in a standard circuit?
    • ⤷ Which manufacturers are the primary producers of the M5R66XL-R series?