công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R66TL-R

  • AI
    The **M5R66TL-R** is a specific electronic component, most commonly categorized as a **Surface Mount (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation. --- ### 1. Technical Specifications Below are the typical specifications for an inductor within this series (M5R66 style): | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | Typically around 0.66 µH (indicated by "R66") | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Construction** | Metal Composite or Ferrite Core | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Tolerance** | Usually ±20% (M) or ±30% | ### 2. Key Characteristics * **High Current Capability:** Designed to handle significant DC currents without reaching magnetic saturation. * **Low DCR (DC Resistance):** Minimizes energy loss as heat, improving the overall efficiency of the power supply. * **Compact Footprint:** The "M5" designation usually refers to the physical size dimensions (e.g., approximately 5mm x 5mm). * **Stability:** Built to maintain stable inductance across a wide range of operating temperatures. ### 3. Common Applications These inductors are primarily found in high-efficiency DC-DC converters: 1. **Motherboards & GPUs:** Used in the VRM (Voltage Regulator Module) phases to provide stable power to CPUs or memory. 2. **Laptops/Tablets:** Essential for converting battery voltage down to the low voltages required by internal chips. 3. **Telecom Equipment:** Used in power modules for noise filtering and energy storage. --- ### 4. Part Number Breakdown (Generic) While manufacturers vary slightly, the code usually breaks down as follows: * **M5:** Series or Case Size. * **R66:** Inductance value. The "R" acts as a decimal point. $R66 = 0.66 \mu H$. * **TL / R:** Packaging indicators (e.g., Tape and Reel) or specific material variations (e.g., RoHS compliant).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M5R66TL-R inductor?
    • ⤷ How do I test if this inductor is functioning correctly with a multimeter?
    • ⤷ What is the maximum current rating (Irms) for this specific series?