AI

The part number **M5R66RHJ-R** refers to a high-performance, shielded power inductor typically manufactured by companies like **Coilmaster Electronics** or similar magnetic component specialists.
---
## 1. Technical Specifications
This component is an SMD (Surface Mount Device) molded power inductor, designed for high-current applications where space and EMI (Electromagnetic Interference) shielding are critical.
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 0.66 µH (Nominal) |
| **Tolerance** | ±20% (Standard) |
| **DCR (Direct Current Resistance)** | Very Low (Typically < 3-5 mΩ) |
| **Saturation Current (Isat)** | High (Typically 20A - 35A range) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal Alloy / Molded Shielded |
---
## 2. Key Features
* **Molded Construction:** The coil is encapsulated in a metallic powder iron core. This "molded" process eliminates the gaps found in traditional ferrite inductors, resulting in a very low acoustic noise (buzzing).
* **Magnetic Shielding:** The design naturally shields the component, reducing electromagnetic interference (EMI) with neighboring components on the PCB.
* **High Saturation:** Unlike standard inductors, these handle high peak currents without the inductance value dropping sharply.
* **Low DCR:** Minimizes power loss and heat generation, which is vital for high-efficiency power supplies.
---
## 3. Applications
The M5R66RHJ-R is primarily used in DC-DC conversion circuits. Common applications include:
1. **Motherboards & Servers:** Voltage Regulator Modules (VRM) for CPUs and GPUs.
2. **Laptops:** High-current power rails.
3. **Point of Load (POL) Converters:** Distributed power systems requiring compact, high-efficiency buck converters.
4. **Battery Powered Devices:** Where efficiency and low heat are required to extend battery life.
---
## 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the nomenclature usually follows this logic:
* **M5:** Likely refers to the series or physical size (e.g., 5x5mm footprint).
* **R66:** Represents the inductance value (R66 = 0.66 µH).
* **RHJ:** Internal design code, material type, or tolerance spec.
* **-R:** Generally indicates "RoHS Compliant" or "Tape & Reel" packaging.
- ⤷What are the exact physical dimensions of the M5 series package?
- ⤷ What are the best alternatives or equivalents for this inductor?
- ⤷ How does the saturation current curve behave for this 0.66uH value?